Electronic Components Datasheet Search
  English  ▼

X  

EC4101-G Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # EC4101-G
Description  Four Channel Constant Current LED Driver
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

EC4101-G Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  EC4101-G Datasheet HTML 1Page - List of Unclassifed Manufacturers EC4101-G Datasheet HTML 2Page - List of Unclassifed Manufacturers EC4101-G Datasheet HTML 3Page - List of Unclassifed Manufacturers EC4101-G Datasheet HTML 4Page - List of Unclassifed Manufacturers EC4101-G Datasheet HTML 5Page - List of Unclassifed Manufacturers EC4101-G Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Four Channel Constant Current LED Driver
EC4101
FEATURES
Cost Effective LED driver
Constant current output ideal for Driving Led
strings
Four Channel LED Driver provides matched LED
current
Current adjusted via an external resistor
PWM dimming possible by using either the
ENABLE
Small SOP-8 package
Outputs can be connected in parallel to increase
drive
Constant current for wide cathode voltage range
(4.5V to 18V)
Highly integrated design, minimal components
Thermal shutdown protects the driver
Package type SOP-8
APPLICATIONS
Next Generation Mobile Phones
PDA, DSC, MP3 Players
Handheld Computers
LCD Display Modules
Keyboard Backlight
LED Displays
DESCRIPTION
The EC4101 is a linear constant current driver designed to drive multiple LEDs in series
from a high input voltage rail. The driver acts as a high current matched four channel
current source ensuring constant LED current for a range of input voltage. The EC4101
allows implementing the lowest cost LED driver for a variety of applications. Internal
circuitry maintains the pre-set constant current output for a wide voltage range at the
LED outputs (LED1,2,3,4). LED current can be adjusted up to 125mA per string with an
external resistor. The dimming can be achieved by controlling the ISET input or by
feeding a PWM signal to the EN pin. Fast EN turn-on and turn-off time allows for very
fast PWM dimming frequencies completely eliminating flickering. The built-in thermal
protection automatically adjusts LED current to prevent overheating.
P 1 / 6
DR18EC070105-VER1.0


Similar Part No. - EC4101-G

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
EC410 EXTECH-EC410 Datasheet
183Kb / 1P
ExStik II Conductivity Kit
More results

Similar Description - EC4101-G

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP7615 SIPEX-SP7615 Datasheet
244Kb / 10P
Four Channel Constant Current LED Driver
SP7615 SIPEX-SP7615_06 Datasheet
286Kb / 11P
Four Channel Constant Current LED Driver
logo
SYNC POWER Crop.
SP1820 SYNC-POWER-SP1820 Datasheet
194Kb / 7P
Four Channels Constant Current LED Driver
logo
Integrated Silicon Solu...
IS31BL3212 ISSI-IS31BL3212 Datasheet
262Kb / 9P
FOUR CHANNEL CONSTANT CURRENT LED DRIVER
logo
SYNC POWER Crop.
SP1821 SYNC-POWER-SP1821 Datasheet
255Kb / 7P
Four Channels Constant Current LED Driver
logo
List of Unclassifed Man...
TRC-152Q070ST ETC2-TRC-152Q070ST Datasheet
930Kb / 4P
Four Channel Constant Current LED Drivers
logo
Integrated Silicon Solu...
IS31BL3212-STLS2-TR ISSI-IS31BL3212-STLS2-TR Datasheet
306Kb / 10P
FOUR CHANNEL CONSTANT CURRENT LED DRIVER
logo
Inventronics Inc.
EUC-144QXXXDT INVENTRONICS-EUC-144QXXXDT Datasheet
964Kb / 9P
144W Four-channel Constant Current IP67 Driver
Rev. I
EUC-160QXXXDT INVENTRONICS-EUC-160QXXXDT Datasheet
531Kb / 9P
160W Four-channel Constant Current IP67 Driver
Rev. N
EUC-160QXXXDV INVENTRONICS-EUC-160QXXXDV Datasheet
548Kb / 9P
160W Four-channel Constant Current IP67 Driver
Rev. O
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com