Electronic Components Datasheet Search
  English  ▼

X  

AD7845 Datasheet(PDF) 4 Page - Analog Devices

Part # AD7845
Description  LC2MOS Complete 12-Bit Multiplying DAC
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7845 Datasheet(HTML) 4 Page - Analog Devices

  AD7845 Datasheet HTML 1Page - Analog Devices AD7845 Datasheet HTML 2Page - Analog Devices AD7845 Datasheet HTML 3Page - Analog Devices AD7845 Datasheet HTML 4Page - Analog Devices AD7845 Datasheet HTML 5Page - Analog Devices AD7845 Datasheet HTML 6Page - Analog Devices AD7845 Datasheet HTML 7Page - Analog Devices AD7845 Datasheet HTML 8Page - Analog Devices AD7845 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
AD7845
REV. B
–4–
PIN CONFIGURATIONS
LCC
PLCC
DIP, SOIC
DIGITAL-TO-ANALOG GLITCH IMPULSE
This is the amount of charge injected from the digital inputs to
the analog output when the inputs change state. This is nor-
mally specified as the area of the glitch in either pA-secs or
nV-secs depending upon whether the glitch is measured as a
current or voltage. The measurement takes place with VREF =
AGND.
DIGITAL FEEDTHROUGH
When the DAC is not selected (i.e.,
CS is high) high frequency
logic activity on the device digital inputs is capacitively coupled
through the device to show up as noise on the VOUT pin. This
noise is digital feedthrough.
MULTIPLYING FEEDTHROUGH ERROR
This is ac error due to capacitive feedthrough from the VREF
terminal to VOUT when the DAC is loaded with all 0s.
OPEN-LOOP GAIN
Open-loop gain is defined as the ratio of a change of output
voltage to the voltage applied at the VREF pin with all 1s loaded
in the DAC. It is specified at dc.
UNITY GAIN SMALL SIGNAL BANDWIDTH
This is the frequency at which the magnitude of the small signal
voltage gain of the output amplifier is 3 dB below unity. The
device is operated as a closed-loop unity gain inverter (i.e.,
DAC is loaded with all 1s).
OUTPUT RESISTANCE
This is the effective output source resistance.
FULL POWER BANDWIDTH
Full power bandwidth is specified as the maximum frequency, at
unity closed-loop gain, for which a sinusoidal input signal will
produce full output at rated load without exceeding a distortion
level of 3%.
TERMINOLOGY
LEAST SIGNIFICANT BIT
This is the analog weighting of 1 bit of the digital word in a
DAC. For the AD7845, 1 LSB =
V
REF
2
12
.
RELATIVE ACCURACY
Relative accuracy or endpoint nonlinearity is a measure of the
maximum deviation from a straight line passing through the
endpoints of the DAC transfer function. It is measured after
adjusting for both endpoints (i.e., offset and gain error are ad-
justed out) and is normally expressed in least significant bits or
as a percentage of full-scale range.
DIFFERENTIAL NONLINEARITY
Differential nonlinearity is the difference between the measured
change and the ideal 1 LSB change between any two adjacent
codes. A specified differential nonlinearity of +1 LSB max over
the operating temperature range ensures monotonicity.
GAIN ERROR
Gain error is a measure of the output error between an ideal
DAC and the actual device output with all 1s loaded after offset
error has been adjusted out. Gain error is adjustable to zero
with an external potentiometer. See Figure 13.
ZERO CODE OFFSET ERROR
This is the error present at the device output with all 0s loaded
in the DAC. It is due to the op amp input offset voltage and
bias current and the DAC leakage current.
TOTAL HARMONIC DISTORTION
This is the ratio of the root-mean-square (rms) sum of the har-
monics to the fundamental, expressed in dBs.
OUTPUT NOISE
This is the noise due to the white noise of the DAC and the
input noise of the amplifier.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com