Electronic Components Datasheet Search
  English  ▼

X  

AD7845 Datasheet(PDF) 7 Page - Analog Devices

Part # AD7845
Description  LC2MOS Complete 12-Bit Multiplying DAC
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7845 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD7845 Datasheet HTML 3Page - Analog Devices AD7845 Datasheet HTML 4Page - Analog Devices AD7845 Datasheet HTML 5Page - Analog Devices AD7845 Datasheet HTML 6Page - Analog Devices AD7845 Datasheet HTML 7Page - Analog Devices AD7845 Datasheet HTML 8Page - Analog Devices AD7845 Datasheet HTML 9Page - Analog Devices AD7845 Datasheet HTML 10Page - Analog Devices AD7845 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
AD7845
REV. B
–7–
UNIPOLAR BINARY OPERATION
Figure 13 shows the AD7845 connected for unipolar binary
operation. When VIN is an ac signal, the circuit performs
2-quadrant multiplication. The code table for Figure 13 is given
in Table I.
Figure 13. Unipolar Binary Operation
Table I. Unipolar Binary Code Table for AD7845
Binary Number In
DAC Register
Analog Output, VOUT
MSB
LSB
1111
1111
1111
–VIN
4095
4096


1000
0000
0000
–VIN
2048
4096


= –1/2 VIN
0000
0000
0001
–VIN
1
4096


0000
0000
0000
0 V
OFFSET AND GAIN ADJUSTMENT FOR FIGURE 13
Zero Offset Adjustment
1. Load DAC with all 0s.
2. Trim R3 until VOUT = 0 V.
Gain Adjustment
1. Load DAC with all 1s.
2. Trim R1 so that VOUT = –VIN
4095
4096
.
In fixed reference applications, full scale can also be adjusted by
omitting R1 and R2 and trimming the reference voltage magni-
tude. For high temperature applications, resistors and potenti-
ometers should have a low temperature coefficient.
BIPOLAR OPERATION
(4-QUADRANT MULTIPLICATION)
The recommended circuit for bipolar operation is shown in
Figure 14. Offset binary coding is used.
The offset specification of this circuit is determined by the
matching of internal resistors RB and RC and by the zero code
offset error of the device. Gain error may be adjusted by varying
the ratio of R1 and R2.
To use this circuit without trimming and keep within the gain
error specifications, resistors R1 and R2 should be ratio
matched to 0.01%.
The code table for Figure 14 is given in Table II.
Figure 14. Bipolar Offset Binary Operation
Table II. Bipolar Code Table for Offset Binary Circuit of
Figure 14
Binary Number In
DAC Register
Analog Output, VOUT
MSB
LSB
1111
1111
1111
+VIN
2047
2048


1000
0000
0001
+VIN
1
2048


1000
0000
0000
0 V
0111
1111
1111
–VIN
1
2048


0000
0000
0000
–VIN
2048
2048

 = –VIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com