Electronic Components Datasheet Search
  English  ▼

X  

AD7845 Datasheet(PDF) 10 Page - Analog Devices

Part # AD7845
Description  LC2MOS Complete 12-Bit Multiplying DAC
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7845 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD7845 Datasheet HTML 4Page - Analog Devices AD7845 Datasheet HTML 5Page - Analog Devices AD7845 Datasheet HTML 6Page - Analog Devices AD7845 Datasheet HTML 7Page - Analog Devices AD7845 Datasheet HTML 8Page - Analog Devices AD7845 Datasheet HTML 9Page - Analog Devices AD7845 Datasheet HTML 10Page - Analog Devices AD7845 Datasheet HTML 11Page - Analog Devices AD7845 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
AD7845
REV. B
–10–
8-BIT MICROPROCESSOR SYSTEMS
Figure 22 shows an interface circuit for the AD7845 to the
8085A 8-bit microprocessor. The software routine to load data
to the device is given in Table IV. Note that the transfer of the
12 bits of data requires two write operations. The first of these
loads the 4 MSBs into the 7475 latch. The second write opera-
tion loads the 8 LSBs plus the 4 MSBs (which are held by the
latch) into the DAC.
Figure 22. 8085A Interface
Table IV. Subroutine Listing for Figure 22
2000 LOAD DAC: LXI
H,#3000
The H,L register pair
are loaded with latch
address 3000.
MVI
A,#“MS”
Load the 4 MSBs of
data into accumulator.
MOV
M,A
Transfer data from
accumulator to latch.
INR
L
Increment H,L pair to
AD7845 address.
MVI
A,#“LS”
Load the 8 LSBs of
data into accumulator.
MOV
M,A
Transfer data from
accumulator to DAC.
RET
End of routine.
MICROPROCESSOR INTERFACING
16-BIT MICROPROCESSOR SYSTEMS
Figures 19, 20 and 21 show how the AD7845 interfaces to
three popular 16-bit microprocessor systems. These are the
MC68000, 8086 and the TM32010. The AD7845 is treated as
a memory-mapped peripheral to the processors. In each case, a
write instruction loads the AD7845 with the appropriate data.
The particular instructions used are as follows:
MC68000:
MOVE
8086:
MOV
TMS32010: OUT
Figure 19. AD7845 to MC68000 Interface
Figure 20. AD7845 to 8086 Interface
Figure 21. TMS32010



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com