Electronic Components Datasheet Search
  English  ▼

X  

TC221 Datasheet(PDF) 4 Page - Texas Instruments

Part # TC221
Description  SMALL-FORMAT CCD IMAGE SENSORS
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TC221 Datasheet(HTML) 4 Page - Texas Instruments

  TC221 Datasheet HTML 1Page - Texas Instruments TC221 Datasheet HTML 2Page - Texas Instruments TC221 Datasheet HTML 3Page - Texas Instruments TC221 Datasheet HTML 4Page - Texas Instruments TC221 Datasheet HTML 5Page - Texas Instruments TC221 Datasheet HTML 6Page - Texas Instruments TC221 Datasheet HTML 7Page - Texas Instruments TC221 Datasheet HTML 8Page - Texas Instruments TC221 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
TC221, TC225, TC227
SMALL-FORMAT CCD IMAGE SENSORS
SOCS037C – DECEMBER 1991 – REVISED AUGUST 1997
4
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
detailed description
The TC221, TC225, and TC227 consist of four basic functional blocks: (1) the image-sensing area, (2) the serial
registers, (3) the sensor node, and (4) the low-noise source-follower amplifier. The location of each of these
blocks is identified in the functional block diagrams.
image-sensing area
As light enters the silicon in the image-sensing area, free electrons are generated and collected in the potential
wells of the sensing elements. During this time, blooming protection is activated by applying a burst of pulses
to the antiblooming gate. This prevents blooming by the spilling of charge from overexposed elements into
neighboring elements. After integration and under dark conditions, the charge is transferred line by line into the
serial register(s). The required timing is shown in Figure 1 through Figure 3. During transfer, the antiblooming
gate is held at a low level. Each imager contains a specified number of dark pixels on the left side of the
image-sensing area. These elements provide the dark reference used in subsequent video-processing circuits
to restore the video black-level.
serial register(s)
Once an image line is transferred into the serial register, the serial-register gate can be clocked until all of the
charge packets are moved out onto the sense node. A drain is also included to provide the capability to clear
the image-sensing area of unwanted charge. Such charge can accumulate in the imager during the start-up of
operation or under special conditions when nonstandard TV operation is desired.
sense node(s) and source-follower amplifier(s)
After the charge packet is placed on the sense node, the potential of this node changes in proportion to the
amount of signal received. It is then buffered by a dual-stage source-follower amplifier. The sense node and
amplifier are located some distance from the serial register; a specified number of dummy elements is used to
span the distance. The location and number of the dummy elements are shown in the functional block diagrams.
Terminal Functions
TERMINAL
NAME
NUMBER
I/O
DESCRIPTION
NAME
TC221
TC225
TC227
ABG
2
4
5
I
Antiblooming gate
ADB
4
7
3
Amplifier-drain bias
IAG
3
5
4
I
Image-area gate
NC
N/A
6
N/A
No internal connection
OUT1
5
9
2
O
Output signal 1
OUT2
N/A
8
N/A
O
Output signal 2
SRG1
1
2
6
I
Serial-register gate 1
SRG2
N/A
3
N/A
I
Serial-register gate 2
SUB
6
10
1
Substrate
TRG
N/A
1
N/A
I
Transfer gate
N/A – not applicable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com