Electronic Components Datasheet Search
  English  ▼

X  

TC221 Datasheet(PDF) 10 Page - Texas Instruments

Part # TC221
Description  SMALL-FORMAT CCD IMAGE SENSORS
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TC221 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TC221 Datasheet HTML 6Page - Texas Instruments TC221 Datasheet HTML 7Page - Texas Instruments TC221 Datasheet HTML 8Page - Texas Instruments TC221 Datasheet HTML 9Page - Texas Instruments TC221 Datasheet HTML 10Page - Texas Instruments TC221 Datasheet HTML 11Page - Texas Instruments TC221 Datasheet HTML 12Page - Texas Instruments TC221 Datasheet HTML 13Page - Texas Instruments TC221 Datasheet HTML 14Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
TC221, TC225, TC227
SMALL-FORMAT CCD IMAGE SENSORS
SOCS037C – DECEMBER 1991 – REVISED AUGUST 1997
10
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)†
Supply voltage range VCC for ADB (see Note 1)
0 V to 15 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage range VI for ABG, IAG, SRG, TRG
– 15 V to 15 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating free-air temperature range, TA
–10
°C to 60°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range
– 30
°C to 85°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTE 1: All voltage values are with respect to the substrate.
recommended operating conditions
MIN
NOM
MAX
UNIT
Supply voltage, VCC
ADB
11
12
13
V
Substrate bias voltage
0
V
‡
IAG
High level
1.5
2
2.5
‡
IAG
Low level
–11
–10
–9
‡
SRG
High level
1.5
2
2.5
‡
SRG
Low level
–11
–10
–9
Input voltage, VI‡
High level
11
V
ABG
Intermediate level§
–3
Low level
–6
TRG
High level
1.5
2
2.5
TRG
Low level
–11
–10
–9
Pulse duration
IAG
0.7
1.0
1.3
µs
Clock frequency f lk
SRG, TRG
10
MHz
Clock frequency, fclock
ABG
4
MHz
Load capacitance
6
pF
Operating free-air temperature, TA
–10
45
°C
‡ The algebraic convention, in which the least positive (most negative) value is designated minimum, is used in this data sheet for clock voltage
levels.
§ The antiblooming gate clocks from high level to intermediate level during exposure time and is held at low level during readout time.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com