Electronic Components Datasheet Search
  English  ▼

X  

TC221 Datasheet(PDF) 12 Page - Texas Instruments

Part # TC221
Description  SMALL-FORMAT CCD IMAGE SENSORS
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TC221 Datasheet(HTML) 12 Page - Texas Instruments

Back Button TC221 Datasheet HTML 6Page - Texas Instruments TC221 Datasheet HTML 7Page - Texas Instruments TC221 Datasheet HTML 8Page - Texas Instruments TC221 Datasheet HTML 9Page - Texas Instruments TC221 Datasheet HTML 10Page - Texas Instruments TC221 Datasheet HTML 11Page - Texas Instruments TC221 Datasheet HTML 12Page - Texas Instruments TC221 Datasheet HTML 13Page - Texas Instruments TC221 Datasheet HTML 14Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
TC221, TC225, TC227
SMALL-FORMAT CCD IMAGE SENSORS
SOCS037C – DECEMBER 1991 – REVISED AUGUST 1997
12
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
OUT2
2N3904
Q2
12 V
TC225
12 V
100
Ω
R11
OUT1
2N3904
Q1
12 V
NC
ADB
OUT2
OUT1
SUB
IAG
ABG
SRG2
SRG1
TRG
SN28846
VCC
+
V
+
+
VSS
1N4148
5 k
Ω
R5
+
68
µF
C10
–12 V
1 k
Ω
R9
D1
D2
1N4148
300
Ω
R8
1 k
Ω
R10
EL2020
4
2
3
7
15 V
–15 V
5
6
8
1
–
+
TMS3473B
+
IALVL
I/N
IAIN
ABIN
MIDSEL
SAIN
PD
GND
Vabg+
IASR
ABSR
V
ABLVL
IAOUT
ABOUT
SAOUT
VCC
Vabg–
1
2
3
4
5
6
7
8
9
19
18
17
16
15
14
13
12
11
11
12
13
14
15
16
17
18
19
9
8
7
6
5
4
3
2
1
SEL1
VCC
TRGOUT
SRG1OUT
SRG2OUT
SRG3OUT
VCC
NC
SEL0
SEL2OUT
NC
TRGIN
SRG1IN
SRG2IN
SRG3IN
PD
GND
SEL1OUT
Master Oscillator
GND
+5 V
OUT
IAG
TG
SG1
SG2
VCC
GND
ABL
ABM
ABH
CLK
VCC
VCC
VCC
VSS
VCC
+
VCC
C1
0.1
µF
User-Defined Timer
ADB
VCC
VSS
V
ABLVL
VABG +
VABG –
12 V
5 V
– 10 V
2 V
– 2.5 V
4 V
–6 V
DC VOLTAGES
C2
0.1
µF
C3
68
µF
C4
68
µF
C11
0.1
µF
1 k
Ω
R12
C10
0.1
µF
C12
0.1
µF
100
Ω
R13
1 k
Ω
R14
C5
68
µF
22 k
Ω
R1
22 k
Ω
R2
C6
68
µF
C8
0.1
µF
C9
0.1
µF
200
Ω
R7
500
Ω
R3
70
Ω
R4
1.5
Ω
R6
C7
68
µF
10
VSS
20
VSS
VSS
10
20
VSS
VABG–
ABLVL
VABG+
SUPPORT CIRCUITS
DEVICE
PACKAGE
APPLICATION
FUNCTION
SN28846DW
20 pin small outline
Serial driver
Driver for SRG
TMS3473BDW
20 pin small outline
Parallel driver
Driver for IAG
Figure 8. Typical Application Circuit Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com