Electronic Components Datasheet Search
  English  ▼

X  

EN25P10 Datasheet(PDF) 29 Page - Eon Silicon Solution Inc.

Part # EN25P10
Description  1 Mbit Uniform Sector, Serial Flash Memory
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EON [Eon Silicon Solution Inc.]
Direct Link  http://www.essi.com.tw
Logo EON - Eon Silicon Solution Inc.

EN25P10 Datasheet(HTML) 29 Page - Eon Silicon Solution Inc.

Back Button EN25P10 Datasheet HTML 23Page - Eon Silicon Solution Inc. EN25P10 Datasheet HTML 24Page - Eon Silicon Solution Inc. EN25P10 Datasheet HTML 25Page - Eon Silicon Solution Inc. EN25P10 Datasheet HTML 26Page - Eon Silicon Solution Inc. EN25P10 Datasheet HTML 27Page - Eon Silicon Solution Inc. EN25P10 Datasheet HTML 28Page - Eon Silicon Solution Inc. EN25P10 Datasheet HTML 29Page - Eon Silicon Solution Inc. EN25P10 Datasheet HTML 30Page - Eon Silicon Solution Inc. EN25P10 Datasheet HTML 31Page - Eon Silicon Solution Inc.  
Zoom Inzoom in Zoom Outzoom out
 29 / 31 page
background image
This Data Sheet may be revised by subsequent versions
©2004 Eon Silicon Solution, Inc., www.essi.com.tw
or modifications due to changes in technical specifications.
29
EN25P10
Rev. C, Issue Date: 2007/5/4
Figure 25. VDFN8( 5x6mm )
MIN.
NOR
MAX
A
0.76
0.80
0.84
A1
0.00
0.02
0.04
A2
- - -
0.20
- - -
D
5.90
6.00
6.10
E
4.90
5.00
5.10
D2
4.18
4.23
4.28
E2
3.95
4.00
4.05
e
- - -
1.27
- - -
b
0.35
0.40
0.45
L
0.55
0.60
0.65
Note : 1. Coplanarity: 0.1 mm
SYMBOL
DIMENSION IN MM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com