Electronic Components Datasheet Search
  English  ▼

X  

EN25P10 Datasheet(PDF) 1 Page - Eon Silicon Solution Inc.

Part # EN25P10
Description  1 Mbit Uniform Sector, Serial Flash Memory
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EON [Eon Silicon Solution Inc.]
Direct Link  http://www.essi.com.tw
Logo EON - Eon Silicon Solution Inc.

EN25P10 Datasheet(HTML) 1 Page - Eon Silicon Solution Inc.

  EN25P10 Datasheet HTML 1Page - Eon Silicon Solution Inc. EN25P10 Datasheet HTML 2Page - Eon Silicon Solution Inc. EN25P10 Datasheet HTML 3Page - Eon Silicon Solution Inc. EN25P10 Datasheet HTML 4Page - Eon Silicon Solution Inc. EN25P10 Datasheet HTML 5Page - Eon Silicon Solution Inc. EN25P10 Datasheet HTML 6Page - Eon Silicon Solution Inc. EN25P10 Datasheet HTML 7Page - Eon Silicon Solution Inc. EN25P10 Datasheet HTML 8Page - Eon Silicon Solution Inc. EN25P10 Datasheet HTML 9Page - Eon Silicon Solution Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
This Data Sheet may be revised by subsequent versions
©2004 Eon Silicon Solution, Inc., www.essi.com.tw
or modifications due to changes in technical specifications.
1
EN25P10
Rev. C, Issue Date: 2007/5/4
FEATURES
• Single power supply operation
- Full voltage range: 2.7-3.6 volt
• 1 M-bit Serial Flash
- 1 M-bit/128 K-byte/512 pages
- 256 bytes per programmable page
• High performance
- 100MHz clock rate
• Low power consumption
- 5 mA typical active current
- 1
μA typical power down current
• Uniform Sector Architecture:
- Four 32-Kbyte sectors
• Software and Hardware Write Protection:
- Write Protect all or portion of memory via
software
- Enable/Disable protection with WP# pin
• High performance program/erase speed
- Byte program time: 7µs typical
- Page program time: 1.5ms typical
- Sector erase time: 500 ms typical
- Chip erase time: 2 Seconds typical
• Minimum 100K endurance cycle
• Package Options
- 8 pins SOP 150mil body width
- 8 contact VDFN
- All Pb-free packages are RoHS compliant
• Commercial and industrial temperature
Range
GENERAL DESCRIPTION
The EN25P10 is a 1M-bit (128K-byte) Serial Flash memory, with advanced write protection
mechanisms, accessed by a high speed SPI-compatible bus. The memory can be programmed 1 to
256 bytes at a time, using the Page Program instruction.
The EN25P10 is designed to allow either single Sector at a time or full chip erase operation. The
EN25P10 can be configured to protect part of the memory as the software protected mode. The
device can sustain a minimum of 100K program/erase cycles on each sector.
EN25P10
1 Mbit Uniform Sector, Serial Flash Memory


Similar Part No. - EN25P10

ManufacturerPart #DatasheetDescription
logo
Eon Silicon Solution In...
EN25P16 EON-EN25P16 Datasheet
445Kb / 32P
16 Mbit Uniform Sector, Serial Flash Memory
EN25P16-50FC EON-EN25P16-50FC Datasheet
445Kb / 32P
16 Mbit Uniform Sector, Serial Flash Memory
EN25P16-50FCP EON-EN25P16-50FCP Datasheet
445Kb / 32P
16 Mbit Uniform Sector, Serial Flash Memory
EN25P16-50FI EON-EN25P16-50FI Datasheet
445Kb / 32P
16 Mbit Uniform Sector, Serial Flash Memory
EN25P16-50FIP EON-EN25P16-50FIP Datasheet
445Kb / 32P
16 Mbit Uniform Sector, Serial Flash Memory
More results

Similar Description - EN25P10

ManufacturerPart #DatasheetDescription
logo
Eon Silicon Solution In...
EN25F20 EON-EN25F20 Datasheet
394Kb / 31P
2 Mbit Serial Flash Memory with 4Kbytes Uniform Sector
EN25F40 EON-EN25F40 Datasheet
462Kb / 33P
4 Mbit Serial Flash Memory with 4Kbytes Uniform Sector
EN25F80 EON-EN25F80 Datasheet
454Kb / 33P
8 Mbit Serial Flash Memory with 4Kbytes Uniform Sector
EN25P16 EON-EN25P16 Datasheet
445Kb / 32P
16 Mbit Uniform Sector, Serial Flash Memory
EN25P20 EON-EN25P20 Datasheet
388Kb / 32P
2 Mbit Uniform Sector, Serial Flash Memory
EN25P32 EON-EN25P32 Datasheet
452Kb / 34P
32 Mbit Uniform Sector, Serial Flash Memory
EN25P40 EON-EN25P40 Datasheet
426Kb / 31P
4 Mbit Uniform Sector, Serial Flash Memory
EN25P80 EON-EN25P80 Datasheet
386Kb / 30P
8 Mbit Uniform Sector, Serial Flash Memory
EN25F10 EON-EN25F10 Datasheet
425Kb / 31P
1 Megabit Serial Flash Memory with 4Kbytes Uniform Sector
EN25F20 EON-EN25F20_1 Datasheet
1Mb / 33P
2 Mbit Serial Flash Memory with 4Kbytes Uniform Sector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com