Electronic Components Datasheet Search
  English  ▼

X  

EN25P10 Datasheet(PDF) 6 Page - Eon Silicon Solution Inc.

Part # EN25P10
Description  1 Mbit Uniform Sector, Serial Flash Memory
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EON [Eon Silicon Solution Inc.]
Direct Link  http://www.essi.com.tw
Logo EON - Eon Silicon Solution Inc.

EN25P10 Datasheet(HTML) 6 Page - Eon Silicon Solution Inc.

Back Button EN25P10 Datasheet HTML 2Page - Eon Silicon Solution Inc. EN25P10 Datasheet HTML 3Page - Eon Silicon Solution Inc. EN25P10 Datasheet HTML 4Page - Eon Silicon Solution Inc. EN25P10 Datasheet HTML 5Page - Eon Silicon Solution Inc. EN25P10 Datasheet HTML 6Page - Eon Silicon Solution Inc. EN25P10 Datasheet HTML 7Page - Eon Silicon Solution Inc. EN25P10 Datasheet HTML 8Page - Eon Silicon Solution Inc. EN25P10 Datasheet HTML 9Page - Eon Silicon Solution Inc. EN25P10 Datasheet HTML 10Page - Eon Silicon Solution Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 31 page
background image
This Data Sheet may be revised by subsequent versions
©2004 Eon Silicon Solution, Inc., www.essi.com.tw
or modifications due to changes in technical specifications.
6
EN25P10
Rev. C, Issue Date: 2007/5/4
Status Register. The Status Register contains a number of status and control bits that can be read or set
(as appropriate) by specific instructions.
BUSY bit. The BUSY bit indicates whether the memory is busy with a Write Status Register, Program or
Erase cycle.
WEL bit. The Write Enable Latch (WEL) bit indicates the status of the internal Write Enable Latch.
BP1, BP0 bits. The Block Protect (BP1, BP0) bits are non-volatile. They define the size of the area to be
software protected against Program and Erase instructions.
SRP bit. The Status Register Protect (SRP) bit is operated in conjunction with the Write Protect (WP#)
signal. The Status Register Protect (SRP) bit and Write Protect (WP#) signal allow the device to be put in
the Hardware Protected mode. In this mode, the non-volatile bits of the Status Register (SRP, BP1, BP0)
become read-only bits.
Write Protection
Applications that use non-volatile memory must take into consideration the possibility of noise and other
adverse system conditions that may compromise data integrity. To address this concern the EN25P10
provides the following data protection mechanisms:
Power-On Reset and an internal timer (tPUW) can provide protection against inadvertent changes
while the power supply is outside the operating specification.
Program, Erase and Write Status Register instructions are checked that they consist of a number of
clock pulses that is a multiple of eight, before they are accepted for execution.
All instructions that modify data must be preceded by a Write Enable (WREN) instruction to set the
Write Enable Latch (WEL) bit . This bit is returned to its reset state by the following events:
–
Power-up
– Write Disable (WRDI) instruction completion or Write Status Register (WRSR) instruction
completion or Page Program (PP) instruction completion or Sector Erase (SE)instruction
completion or Bulk Erase (BE) instruction completion or
The Block Protect (BP1, BP0) bits allow part of the memory to be configured as read-only. This is
the Software Protected Mode (SPM).
The Write Protect (WP#) signal allows the Block Protect (BP1, BP0) bits and Status Register Protect
(SRP) bit to be protected. This is the Hardware Protected Mode (HPM).
In addition to the low power consumption feature, the Deep Power-down mode offers extra software
protection from inadvertent Write, Program and Erase instructions, as all instructions are ignored
except one particular instruction (the Release from Deep Power-down instruction).
Table 3. Protected Area Sizes Sector Organization
Memory Content
BP1
Bit
BP0
Bit
Protected Sectors
Addresses
Density(KB)
Portion
1
1
All ( Sector 0 to 3)
000000h-01FFFFh
128KB
All sectors
1
0
Sector 2 to 3
010000h-01FFFFh
64KB
Upper 1/2
0
1
Sector 3
018000h-01FFFFh
32KB
Upper 1/4
0
0
None
None
None
None
Hold Function
The Hold (HOLD) signal is used to pause any serial communications with the device without resetting the
clocking sequence. However, taking this signal Low does not terminate any Write Status Register,
Program or Erase cycle that is currently in progress.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com