Electronic Components Datasheet Search
  English  ▼

X  

8115 Datasheet(PDF) 3 Page - Micronetics, Inc.

Part # 8115
Description  High-performance current mode PWM switching power supply controller designed for cost-effective AC/DC converters
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONETICS [Micronetics, Inc.]
Direct Link  http://www.micronetics.com
Logo MICRONETICS - Micronetics, Inc.

8115 Datasheet(HTML) 3 Page - Micronetics, Inc.

  8115 Datasheet HTML 1Page - Micronetics, Inc. 8115 Datasheet HTML 2Page - Micronetics, Inc. 8115 Datasheet HTML 3Page - Micronetics, Inc. 8115 Datasheet HTML 4Page - Micronetics, Inc. 8115 Datasheet HTML 5Page - Micronetics, Inc. 8115 Datasheet HTML 6Page - Micronetics, Inc. 8115 Datasheet HTML 7Page - Micronetics, Inc. 8115 Datasheet HTML 8Page - Micronetics, Inc. 8115 Datasheet HTML 9Page - Micronetics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
ME8115
V08
www.microne.com.cn
Page 3 of 15
选购指南
1.产品型号说明
D8-DIP8
D7-DIP7
ME 8115
封装形式:
公司标识
产品类别
产品品种
X
G
X
环保标识
产品型号
产品说明
ME8115D8G
12W 以内;封装形式:DIP8
ME8115D7G
12W 以内;封装形式:DIP7(B)
ME8115BD7G
18W 以内;封装形式:DIP7(B)
ME8115BD8G
18W 以内;封装形式:DIP8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com