Electronic Components Datasheet Search
  English  ▼

X  

8115 Datasheet(PDF) 8 Page - Micronetics, Inc.

Part # 8115
Description  High-performance current mode PWM switching power supply controller designed for cost-effective AC/DC converters
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONETICS [Micronetics, Inc.]
Direct Link  http://www.micronetics.com
Logo MICRONETICS - Micronetics, Inc.

8115 Datasheet(HTML) 8 Page - Micronetics, Inc.

Back Button 8115 Datasheet HTML 4Page - Micronetics, Inc. 8115 Datasheet HTML 5Page - Micronetics, Inc. 8115 Datasheet HTML 6Page - Micronetics, Inc. 8115 Datasheet HTML 7Page - Micronetics, Inc. 8115 Datasheet HTML 8Page - Micronetics, Inc. 8115 Datasheet HTML 9Page - Micronetics, Inc. 8115 Datasheet HTML 10Page - Micronetics, Inc. 8115 Datasheet HTML 11Page - Micronetics, Inc. 8115 Datasheet HTML 12Page - Micronetics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
ME8115
V08
www.microne.com.cn
Page 8 of 15
电参数定义
启动接受电流:启动阶段OB输入0.5mA时OC点电流。
启动静态电流:VCC接滤波电容和可调电流源,其他引脚悬空,能使VCC振荡时最小电流源电流。
启动电压:上述VCC振荡的最大VCC值。
再启动电压:上述VCC振荡的最小VCC值。
振荡器关闭电压:上述VCC振荡下降沿,使振荡器停振的VCC值。
静态电流:正常阶段,FB由1.0K电阻接地,VCC电源电流。
FB上拉电流:正常阶段,FB=2.5V,IS=0V时,FB处上拉电流。
FB防上限电流:正常阶段,FB=6V,IS=0.3V时,FB处下拉电流。
内反馈电源电压:无外围待机反馈电路的电源,正常阶段VCC值
斜坡电流驱动: 指功率管基极驱动OB开电流是IS的函数,当IS=0V时OB开电流约40mA,然后OB开电流随IS线性增
加,当IS增加到0.6V时,OE开电流约120mA
原理描述
启动阶段,上电时VREF关闭,FB上拉电流源关闭;OE由功率管输入启动电流到VCC;OB控制功率管的基极电
流,限制功率管的集电极电流(即ME8115启动接受电流),从而保证功率管的安全;在VCC电压上升到9.0V,启动
阶段结束,进入正常阶段。
正常阶段:VCC电压应保持在3.9-9V,VREF输出2.5V基准;FB上拉电流源开启;振荡器输出OSC1决定最大占空
比,输出OSC2试图触发电源进入开周期,及屏蔽功率管开启电流峰;若FB小于2.4V(约在0.9 -2.4V之间)振荡器周
期将随之增加,FB越小振荡器周期越宽,直至振荡器停振(此特性降低了开关电源的待机功耗),若外围反馈试图使
VCC大于10V,则内电路反馈到FB使VCC稳压在10V(利用此特性可以不采用外围反馈电路,由内电路稳定输出电压,
但稳压精度较低);开周期,OB为功率管提供基极电流,OE下拉功率管的发射极到IS,而且OB采用斜坡电流驱动(指
OB开电流是IS的函数,当IS=0V时OB开电流约40mA,然后OB开电流随IS线性增加,当IS增加到0.6V时,OB开电流
约120mA,此特性有效地利用了OB的输出电流,降低了功耗),若IS检测到FB指定电流则进入关周期;在开或关周
期,如检测到功率管超上限电流,则上限电流触发器优先置位,强制FB下降,占空比变小,从而保护功率管和变压器。
在下一个关周期开始沿或FB小于2.4V,上限电流触发器复位。另外此电路内置热保护,在内温度高于150℃后,调宽
振荡器的周期,使温度不超过160℃。若VCC降到4.0V左右,振荡器关闭,OSC1、OSC2低电平,电源保持关周期;VCC
继续下降到2.2V左右,ME8115重新进入启动阶段。
若VCC降到4.0V左右,振荡器关闭,OSC1、OSC2低电平,电源保持关周期;VCC继续下降到2.2V左右,ME8115
重新进入启动阶段。



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com