Electronic Components Datasheet Search
  English  ▼

X  

8115 Datasheet(PDF) 5 Page - Micronetics, Inc.

Part # 8115
Description  High-performance current mode PWM switching power supply controller designed for cost-effective AC/DC converters
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONETICS [Micronetics, Inc.]
Direct Link  http://www.micronetics.com
Logo MICRONETICS - Micronetics, Inc.

8115 Datasheet(HTML) 5 Page - Micronetics, Inc.

  8115 Datasheet HTML 1Page - Micronetics, Inc. 8115 Datasheet HTML 2Page - Micronetics, Inc. 8115 Datasheet HTML 3Page - Micronetics, Inc. 8115 Datasheet HTML 4Page - Micronetics, Inc. 8115 Datasheet HTML 5Page - Micronetics, Inc. 8115 Datasheet HTML 6Page - Micronetics, Inc. 8115 Datasheet HTML 7Page - Micronetics, Inc. 8115 Datasheet HTML 8Page - Micronetics, Inc. 8115 Datasheet HTML 9Page - Micronetics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
ME8115
V08
www.microne.com.cn
Page 5 of 15
芯片功能框图
NC
FB
Foreland
hide
Driver
Unit
Current
limit
OSC
Heat
protection
Power
manage
3
4
6
7
5
2
8
1
100
μA
650
μA
25
K
Ω
5
K
Ω
2.4V
0.65V
9.9V over
protection
GND
VCC
OC
OC
IS
OB
Q1
Q2
OE
20
Ω
2.5V Norm
VR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com