Electronic Components Datasheet Search
  English  ▼

X  

HE83145 Datasheet(PDF) 4 Page - King blillion Electronics Co.,Ltd.

Part # HE83145
Description  8-BIT MICRO-CONTROLLER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KB [King blillion Electronics Co.,Ltd.]
Direct Link  
Logo KB - King blillion Electronics Co.,Ltd.

HE83145 Datasheet(HTML) 4 Page - King blillion Electronics Co.,Ltd.

  HE83145 Datasheet HTML 1Page - King blillion Electronics Co.,Ltd. HE83145 Datasheet HTML 2Page - King blillion Electronics Co.,Ltd. HE83145 Datasheet HTML 3Page - King blillion Electronics Co.,Ltd. HE83145 Datasheet HTML 4Page - King blillion Electronics Co.,Ltd. HE83145 Datasheet HTML 5Page - King blillion Electronics Co.,Ltd. HE83145 Datasheet HTML 6Page - King blillion Electronics Co.,Ltd. HE83145 Datasheet HTML 7Page - King blillion Electronics Co.,Ltd. HE83145 Datasheet HTML 8Page - King blillion Electronics Co.,Ltd. HE83145 Datasheet HTML 9Page - King blillion Electronics Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image



   
 


 


 


 


 


 


 


 







 









*  ?%07)*
  




*  ?%0H
:
 

*  ?%0H

 

*  ?%0H
-HIH
   



!!

-.   , '"    

 
(
-.H %G %+
   


:&

"


/*  ?A# ,  %%
+ ,    2%!! 
+ 

7 * 2H   % ?A#

:

" 


/*  ?A# ,  %%
+ ,    2%!! 
+ 

7 * 2H   % ?A#



.<H %%
7 * 2@.<9BH  % .<
)*H%%


?
?, ?) (%

 
?
?) G %+(%


  
,!

E
F.GH
E
F GH
E
F&G/H
E
FG& H
E
FIG&H
E
F .G H
E
F G H
E
F/G /H
'+

I
3
"
'
(

B
'+

I
3
"
'
(

B
'+&
&
I&
3&
"&
'&
(&
&
B&
G
G
G
G
G
G
G
G
G
G
G
G
G
G
G
G
G
G
'+
(
I(
3(
"(
'(
((
(
B(
'+ 

I
3
"
'
(

B
'+ 
B
IB
3B
"B
'B
(B
B
BB



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com