Electronic Components Datasheet Search
  English  ▼

X  

HE83145 Datasheet(PDF) 2 Page - King blillion Electronics Co.,Ltd.

Part # HE83145
Description  8-BIT MICRO-CONTROLLER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KB [King blillion Electronics Co.,Ltd.]
Direct Link  
Logo KB - King blillion Electronics Co.,Ltd.

HE83145 Datasheet(HTML) 2 Page - King blillion Electronics Co.,Ltd.

  HE83145 Datasheet HTML 1Page - King blillion Electronics Co.,Ltd. HE83145 Datasheet HTML 2Page - King blillion Electronics Co.,Ltd. HE83145 Datasheet HTML 3Page - King blillion Electronics Co.,Ltd. HE83145 Datasheet HTML 4Page - King blillion Electronics Co.,Ltd. HE83145 Datasheet HTML 5Page - King blillion Electronics Co.,Ltd. HE83145 Datasheet HTML 6Page - King blillion Electronics Co.,Ltd. HE83145 Datasheet HTML 7Page - King blillion Electronics Co.,Ltd. HE83145 Datasheet HTML 8Page - King blillion Electronics Co.,Ltd. HE83145 Datasheet HTML 9Page - King blillion Electronics Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image



   
 


 


 


 


 


 


 


 







 



&


!"
,40
!"
1;62%20
!"
1;/1"0
!"
2 &27 !0(313,+A13
.13"#,+A1+0
 
!"
3%22%(7("87,8(7
217(!9!00
  
,D , *+
B2
(












    
      
   !
"# ! $% 




&
'










(


  )  
 )* !
       )
 +  ,+ 
%   -.+
/(# /0 1  +
*  2
# 
#34567589::7)
:( 
:.%
4
#3479:( 
9 
#34;/<-9: 
9;= 
#37;/<-9:  !
9;=  !
> ?+?)*0+  
0+ @8#<-7-A(.-+7-?B(.%
0+ * 0 0* 4
/*  ! -.+/0 











7 0  
- ,   , )  %*%
0@#3?9B%+ 2 (2%+1
?) 1   %
 + #3A./ A*./0 



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com