Electronic Components Datasheet Search
  English  ▼

X  

HE83145 Datasheet(PDF) 1 Page - King blillion Electronics Co.,Ltd.

Part # HE83145
Description  8-BIT MICRO-CONTROLLER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KB [King blillion Electronics Co.,Ltd.]
Direct Link  
Logo KB - King blillion Electronics Co.,Ltd.

HE83145 Datasheet(HTML) 1 Page - King blillion Electronics Co.,Ltd.

  HE83145 Datasheet HTML 1Page - King blillion Electronics Co.,Ltd. HE83145 Datasheet HTML 2Page - King blillion Electronics Co.,Ltd. HE83145 Datasheet HTML 3Page - King blillion Electronics Co.,Ltd. HE83145 Datasheet HTML 4Page - King blillion Electronics Co.,Ltd. HE83145 Datasheet HTML 5Page - King blillion Electronics Co.,Ltd. HE83145 Datasheet HTML 6Page - King blillion Electronics Co.,Ltd. HE83145 Datasheet HTML 7Page - King blillion Electronics Co.,Ltd. HE83145 Datasheet HTML 8Page - King blillion Electronics Co.,Ltd. HE83145 Datasheet HTML 9Page - King blillion Electronics Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image



   
 


 


 


 


 


 


 


 







 






  

 !"#
$%! & #'(()"*+, - ./
#'(()& "*+, 001%.2(*3,4
%%22%01%& +52%!
%!%6 00      % 2  2%  
(7("87,8(7217(!9!0
1% 2      :2       20 + 2 %
2 ;% 2 !   0   2 8  
8<%=01%!;2!%
0


!"
+9! 
&0&9> 0 9
!"
'8 

('?5@ 09

  



('? 5@&0&9
!"
+ 

& "</ ,!+)/ (+=
!"
3 

& /"
!"
(2'8 
A<B=8 &0./ ?5
   
;8 

&0./ 5
!"
+

($3#B31#+4(##,0
!"
?& "*+0
8+,$,$##+,A(3A
22%*+0%%;%#'(!0
!"
& ?./#'(<3"1C,=0
!"
+.2(3'220


Similar Part No. - HE83145

ManufacturerPart #DatasheetDescription
logo
King blillion Electroni...
HE83141 KB-HE83141 Datasheet
273Kb / 12P
8-BIT MICRO-CONTROLLER
HE83142 KB-HE83142 Datasheet
276Kb / 12P
8-BIT MICRO-CONTROLLER
HE83143 KB-HE83143 Datasheet
276Kb / 12P
8-BIT MICRO-CONTROLLER
HE83144 KB-HE83144 Datasheet
258Kb / 10P
8-BIT MICRO-CONTROLLER
HE83146 KB-HE83146 Datasheet
258Kb / 11P
8-BIT MICRO-CONTROLLER
More results

Similar Description - HE83145

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
MSU2955 MOSEL-MSU2955 Datasheet
71Kb / 1P
8-Bit Micro-controller
MSU2956 MOSEL-MSU2956 Datasheet
68Kb / 1P
8-Bit Micro-controller
MSU2957 MOSEL-MSU2957 Datasheet
70Kb / 1P
8-Bit Micro-controller
logo
Micon Design Technology...
MDT10P22 MDTIC-MDT10P22 Datasheet
118Kb / 17P
8-bit micro-controller
MDT10P05 MDTIC-MDT10P05 Datasheet
151Kb / 16P
8-bit micro-controller
logo
RAIO Technology Inc.
RA8900 RAIO-RA8900 Datasheet
158Kb / 9P
8-Bit Micro-Controller
RA8917 RAIO-RA8917 Datasheet
124Kb / 11P
8-Bit Micro-Controller
logo
Micon Design Technology...
MDT2030CF MDTIC-MDT2030CF Datasheet
225Kb / 14P
8-bit micro-controller
MDT10P7401 MDTIC-MDT10P7401 Datasheet
246Kb / 24P
8-bit micro-controller
MDT10P7212 MDTIC-MDT10P7212 Datasheet
100Kb / 14P
8-bit micro-controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com