Electronic Components Datasheet Search
  English  ▼

X  

RT8805C Datasheet(PDF) 4 Page - Richtek Technology Corporation

Part # RT8805C
Description  Two Phase General Purpose PWM Controller
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8805C Datasheet(HTML) 4 Page - Richtek Technology Corporation

  RT8805C Datasheet HTML 1Page - Richtek Technology Corporation RT8805C Datasheet HTML 2Page - Richtek Technology Corporation RT8805C Datasheet HTML 3Page - Richtek Technology Corporation RT8805C Datasheet HTML 4Page - Richtek Technology Corporation RT8805C Datasheet HTML 5Page - Richtek Technology Corporation RT8805C Datasheet HTML 6Page - Richtek Technology Corporation RT8805C Datasheet HTML 7Page - Richtek Technology Corporation RT8805C Datasheet HTML 8Page - Richtek Technology Corporation RT8805C Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
RT8805C
Preliminary
4
DS8805C-03 August 2007
www.richtek.com
Function Block Diagram
RT8805CxQV (VQFN-16L 3x3)
RT8805CxQVA (VQFN-24L 4x4)
PWM1
Logic
VCC
PWM2
Logic
VCC
VCC
-
+
+
-
RAMP2
RAMP1
External
Soft Start
+
-
Current
Balance
OCP
S/H
+
-
MUX
PGOOD
FB
COMP
SS
AGND
RT
GND
PHASE1
PHASE2
LGATE2
PHASE2
UGATE2
BOOT2
LGATE1
PHASE1
UGATE1
BOOT1
VCC
CLK2
CLK1
Clock
CLK1
CLK2
VCC
Reg
VDD
Central
Logic
PGOOD
To PWM Logic
OC
OC
IMAX
PWMCP
PWMCP
GM
0.8V
EA
PWM1
Logic
VCC
PWM2
Logic
VCC
VCC
-
+
+
-
RAMP2
RAMP1
External
Soft Start
+
-
Current
Balance
OCP
S/H
+
-
MUX
PGOOD
FB
COMP
SS
AGND
RT
GND
PHASE1
PHASE2
LGATE2
PHASE2
UGATE2
BOOT2
LGATE1
PHASE1
UGATE1
BOOT1
VCC
CLK2
CLK1
Clock
CLK1
CLK2
VCC
Reg
VDD
Central
Logic
PGOOD
To PWM Logic
OC
OC
IMAX
PWMCP
PWMCP
GM
0.8V
EA
VREF_SEL
PI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com