Electronic Components Datasheet Search
  English  ▼

X  

RT8805C Datasheet(PDF) 11 Page - Richtek Technology Corporation

Part # RT8805C
Description  Two Phase General Purpose PWM Controller
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8805C Datasheet(HTML) 11 Page - Richtek Technology Corporation

Back Button RT8805C Datasheet HTML 7Page - Richtek Technology Corporation RT8805C Datasheet HTML 8Page - Richtek Technology Corporation RT8805C Datasheet HTML 9Page - Richtek Technology Corporation RT8805C Datasheet HTML 10Page - Richtek Technology Corporation RT8805C Datasheet HTML 11Page - Richtek Technology Corporation RT8805C Datasheet HTML 12Page - Richtek Technology Corporation RT8805C Datasheet HTML 13Page - Richtek Technology Corporation RT8805C Datasheet HTML 14Page - Richtek Technology Corporation RT8805C Datasheet HTML 15Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
RT8805C
Preliminary
11
DS8805C-03 August 2007
www.richtek.com
Figure 3. Current Sensing Loop
The sensing circuit gets IX = IL(S/H) x RDS(ON) x GM by
local feedback. IX is sampled and held just before low side
MOSFET turns off (See Figure 4). Therefore,
IX(S/H) = IL(S/H) x RDS(ON) x GM
Figure 4. Inductor Current and Gate signals
GM
R
2L
s
5
V
V
V
V
I
I
200kHz
F
s,
5
V
V
V
T
,
2
T
L
V
I
I
DS(ON)
IN
OUT
IN
OUT
L(AVG)
(S/H)
X
SW
IN
OUT
IN
OFF
OFF
OUT
L(AVG)
L(S/H)
×
×
⎥
⎥
⎥
⎥
⎦
⎤
⎢
⎢
⎢
⎢
⎣
⎡
×
⎟
⎠
⎞
⎜
⎝
⎛
−
×
−
=
=
×
⎥⎦
⎤
⎢⎣
⎡
−
=
×
−
=
μ
μ
High Side MOSFET Gate Signal
Low Side MOSFET Gate Signal
Inductor Current
Falling Slope = V
OUT/L
I
L
I
L(AVG)
I
L(S/H)
Gate control
a. Before SS signal reach the valley of the ramp voltage,
UGATE and LGATE will be off.
b. If SS pin is pulled down 0.4V, UGATE and LGATE will
be off.
c. UV protect function caused by FB < 0.6V and SS >
3.7V, and controller will trigger Always Hiccup Mode.
d. When OC function occurs and SS > 3.7V, a constant
current of 10
μA starts to discharge the capacitor
connected to SS pin right away. When OC occurs,
UGATE and LGATE will be off. When the voltage at the
capacitor connected to SS pin pass about 0.4V, a
constant current of 10
μA starts to charge the capacitor.
The PWM signal is enable to pass to UGATE and
Current Balance
RT8805C senses the voltage drop of the low-side MOS
and translates this to control the ramp signal. We can see
that the voltage signal finally injected to channel one is
proportional to (IL1 - IL2). Channel two is proportional to
(IL2 - IL1). In steady state and current balance situation,
there is no sensed signal injected into the ramp.
If IL1 > IL2, the ramp bottom of channel 1 will be lifted up
and decreased the duty of UGATE1. On the other hand,
the ramp bottom of channel 2 will be pulled low to increase
the duty of UGATE2. Finally, the loop will be back to the
balance state through above mentioned negative feedback
scheme. Figure 5 shows this scheme.
Figure 5. Current Balance
Logic
&
Driver
L2
I
L2
+
-
k2 = k x R
ON2
V
ON2
V
IN2
Logic
&
Driver
L1
I
L1
+
-
k1 = k x R
ON1
V
ON1
V
IN1
CL
RL
V
OUT
V
CSO2 = k2 x IL2 = k x VON2
V
CSO1 = k1 x IL1
= k x V
ON1
2
1
−
RAMP2
RAMP1
+
-
V
REF
COMP
RAMP2
RAMP1
Current
Balance
OCP
S/H
+
-
MUX
PHASE1
PHASE2
CLK2
CLK1
OC
IMAX
GM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com