Electronic Components Datasheet Search
  English  ▼

X  

RT8805C Datasheet(PDF) 13 Page - Richtek Technology Corporation

Part # RT8805C
Description  Two Phase General Purpose PWM Controller
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8805C Datasheet(HTML) 13 Page - Richtek Technology Corporation

Back Button RT8805C Datasheet HTML 9Page - Richtek Technology Corporation RT8805C Datasheet HTML 10Page - Richtek Technology Corporation RT8805C Datasheet HTML 11Page - Richtek Technology Corporation RT8805C Datasheet HTML 12Page - Richtek Technology Corporation RT8805C Datasheet HTML 13Page - Richtek Technology Corporation RT8805C Datasheet HTML 14Page - Richtek Technology Corporation RT8805C Datasheet HTML 15Page - Richtek Technology Corporation RT8805C Datasheet HTML 16Page - Richtek Technology Corporation RT8805C Datasheet HTML 17Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
RT8805C
Preliminary
13
DS8805C-03 August 2007
www.richtek.com
Figure 8. Type 2 Bode Plot
Frequency
10Hz
100Hz
1.0KHz
10KHz
100KHz
1.0MHz
vdb(vo) vdb(comp2) vdb(lo)
-40
0
40
80
-60
10
100
1k
10k
100k
1M
80
40
0
20
60
-20
-40
-60
Loop Gain
Compensation
Gain
Modulator
Gain
Frequency (Hz)
There is another type of compensation called Type 3
compensation that adds a pole-zero pair to the Type 2
network. It's used to compensate output capacitor whose
ESR value is much lower (pure MLCC or OSCON
Capacitors).
As shown in Figure 9, to insert a network between VOUT
and FB in the original Type 2 compensation network can
result in Type 3 compensation. Figure 10 shows the
difference of their AC response. Type 3 compensation has
an additional pole-zero pair that causes a gain boost at
the flat gain region. But the gain boosted is limited by the
ratio (R1+R4)/R4; if R3 << R4.
+
-
GM
V
COMP
C2
R2
C1
R4
V
OUT
R1
R3
C3
FB
Figure 9. Additional Network of Type 3 Compensation
(Add between VOUT and FB)
Figure 10. AC Response Curves of Type 2 and 3
Type 3 will induce additional one pole and one zero.
Zeros :
π
=
×+
×
Z2
1
F
2
(R1 R3) C3
P3
1
F
2R3 C3
π
=
××
Poles :
which is in the origin.
We recommend FZ1 placed in 0.5 x FP(LC); FZ2 placed in
FP(LC); FP3 placed in FESR and FP2 placed in 0.5 x FSW.
Figure 11 shows Type 3 Bode Plot.
Figure 11. Type 3 Bode Plot
Protection
OCP
The RT8805C uses
“ Cycle by Cycle” current comparison.
The over current level is set by IMAX pin. When OC
function occurs and SS > 3.7V, a constant current of 10
μA
starts to discharge the capacitor connected to SS pin
right away. When OC occurs, UGATE and LGATE will be
off.
Loop Gain
-80
-60
-40
-20
0
20
40
60
23
45
67
Log Frequency
Compensation Gain
Gain
Modulator Gain
Pole
FZ2
Add Type 3 compensation
Original Type 2 compensation
FP3
FP2
FZ1
FP1
FP2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com