Electronic Components Datasheet Search
  English  ▼

X  

RT9167 Datasheet(PDF) 5 Page - Richtek Technology Corporation

Part # RT9167
Description  Low-Noise, Fixed Output Voltage,300mA/500mA LDO Regulator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9167 Datasheet(HTML) 5 Page - Richtek Technology Corporation

  RT9167 Datasheet HTML 1Page - Richtek Technology Corporation RT9167 Datasheet HTML 2Page - Richtek Technology Corporation RT9167 Datasheet HTML 3Page - Richtek Technology Corporation RT9167 Datasheet HTML 4Page - Richtek Technology Corporation RT9167 Datasheet HTML 5Page - Richtek Technology Corporation RT9167 Datasheet HTML 6Page - Richtek Technology Corporation RT9167 Datasheet HTML 7Page - Richtek Technology Corporation RT9167 Datasheet HTML 8Page - Richtek Technology Corporation RT9167 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
RT9167/A
5
DS9167/A-26 March 2007
www.richtek.com
Typical Operating Characteristics
Output Voltage vs. Temperature
3.25
3.26
3.27
3.28
3.29
3.30
3.31
3.32
3.33
-50
-25
0
25
50
75
100
125
150
Temperature
VOUT = 3.3V
(°C)
Dropout Voltage vs. Load Current
0
50
100
150
200
250
0
0.05
0.1
0.15
0.2
0.25
0.3
Load Current (A)
VOUT = 5.0V
25°C
-40°C
RT9167
125°C
Current Limit vs. Temperature
300
350
400
450
500
550
600
650
700
-50
-25
0
25
50
75
100
125
Temperature
VOUT = 5.0V
RT9167
(°C)
Current Limit vs. Temperature
200
300
400
500
600
700
800
900
-50
-25
0
25
50
75
100
125
Temperature
VOUT = 3.3V
RT9167A
(°C)
Dropout Voltage vs. Load Current
0
100
200
300
400
500
600
0
0.05 0.1 0.15 0.2 0.25 0.3 0.35 0.4 0.45 0.5
Load Current (A)
VOUT = 3.3V
125°C
25°C
-40°C
RT9167A
Quiescent Current vs. Temperature
0
15
30
45
60
75
90
105
120
-50
-25
0
25
50
75
100
125
150
Temperature
VOUT = 3.3V
(°C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com