Electronic Components Datasheet Search
  English  ▼

X  

RT9167 Datasheet(PDF) 11 Page - Richtek Technology Corporation

Part # RT9167
Description  Low-Noise, Fixed Output Voltage,300mA/500mA LDO Regulator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9167 Datasheet(HTML) 11 Page - Richtek Technology Corporation

Back Button RT9167 Datasheet HTML 5Page - Richtek Technology Corporation RT9167 Datasheet HTML 6Page - Richtek Technology Corporation RT9167 Datasheet HTML 7Page - Richtek Technology Corporation RT9167 Datasheet HTML 8Page - Richtek Technology Corporation RT9167 Datasheet HTML 9Page - Richtek Technology Corporation RT9167 Datasheet HTML 10Page - Richtek Technology Corporation RT9167 Datasheet HTML 11Page - Richtek Technology Corporation RT9167 Datasheet HTML 12Page - Richtek Technology Corporation RT9167 Datasheet HTML 13Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
RT9167/A
11
DS9167/A-26 March 2007
www.richtek.com
The value of junction to case thermal resistance
θJC is
popular for users. This thermal parameter is convenient
for users to estimate the internal junction operated
temperature of packages while IC operating. It’ s
independent of PCB layout, the surroundings airflow effects
and temperature difference between junction to ambient.
The operated junction temperature can be calculated by
following formula :
TJ = TC + PD x
θJC
Where TC is the package case temperature measured by
thermal sensor, PD is the power dissipation defined by
user’ s function and the
θJC is the junction to case thermal
resistance provided by IC manufacturer. Therefore it’ s easy
to estimate the junction temperature by any condition.
For example, how to calculate the junction temperature
of RT9167A-28CB SOT-23-5 package? If we use input
voltage VIN = 3.3V at an output current I
O = 500mA and
the case temperature (pin 4 of SOT-23-5 package)
TC = 70
°C measured by thermal couple while operating,
then our power dissipation is as follows:
PD = (3.3V
− 2.8V) x 500mA + 3.3V x 90μA ≅ 250mW
And the junction temperature TJ could be calculated as
following :
TJ = TC + PD x
θJC
TJ = 70
°C + 0.25W x 130°C/W
= 70
°C + 32.5°C
= 102.5
°C < TJ(MAX) =125°C
For this operation application, TJ is lower than absolute
maximum operation junction temperature 125
°C and it’s
safe to use.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com