Electronic Components Datasheet Search
  English  ▼

X  

RT9167 Datasheet(PDF) 6 Page - Richtek Technology Corporation

Part # RT9167
Description  Low-Noise, Fixed Output Voltage,300mA/500mA LDO Regulator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9167 Datasheet(HTML) 6 Page - Richtek Technology Corporation

Back Button RT9167 Datasheet HTML 2Page - Richtek Technology Corporation RT9167 Datasheet HTML 3Page - Richtek Technology Corporation RT9167 Datasheet HTML 4Page - Richtek Technology Corporation RT9167 Datasheet HTML 5Page - Richtek Technology Corporation RT9167 Datasheet HTML 6Page - Richtek Technology Corporation RT9167 Datasheet HTML 7Page - Richtek Technology Corporation RT9167 Datasheet HTML 8Page - Richtek Technology Corporation RT9167 Datasheet HTML 9Page - Richtek Technology Corporation RT9167 Datasheet HTML 10Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
RT9167/A
6
DS9167/A-26 March 2007
www.richtek.com
Load Transient Response
Time (50us/Div)
60
40
20
0
-20
50
1
-50
VIN = 4V
VOUT = 3.0V
CIN = 10uF
COUT = 1uF
CBP = 10nF
≈
≈
Load Transient Response
Time (50us/Div)
60
40
20
0
-20
50
1
-50
VIN = 4V
VOUT = 3.0V
CIN = 10uF
COUT = 4.7uF
CBP = 10nF
≈
≈
150
100
50
0
-50
5
4
Line Transient Response
Time (1ms/Div)
Loading = 50mA
VOUT = 3.0V
COUT = 1uF
CBP = 10nF
≈
≈
60
40
20
0
-20
5
4
Line Transient Response
Time (500us/Div)
Loading = 50mA
VOUT = 3.0V
COUT = 4.7uF
CBP = 10nF
≈
≈
150
100
50
0
-50
5
4
Line Transient Response
Time (500us/Div)
Loading = 1mA
VOUT = 3.0V
COUT = 4.7uF
CBP = 10nF
≈
≈
150
100
50
0
-50
5
4
Line Transient Response
Time (1ms/Div)
Loading = 1mA
VOUT = 3.0V
COUT = 1uF
CBP = 10nF
≈
≈



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com