Electronic Components Datasheet Search
  English  ▼

X  

RT9199 Datasheet(PDF) 8 Page - Richtek Technology Corporation

Part # RT9199
Description  Cost-Effective, 2A Peak Sink/Source Bus Termination Regulator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9199 Datasheet(HTML) 8 Page - Richtek Technology Corporation

Back Button RT9199 Datasheet HTML 4Page - Richtek Technology Corporation RT9199 Datasheet HTML 5Page - Richtek Technology Corporation RT9199 Datasheet HTML 6Page - Richtek Technology Corporation RT9199 Datasheet HTML 7Page - Richtek Technology Corporation RT9199 Datasheet HTML 8Page - Richtek Technology Corporation RT9199 Datasheet HTML 9Page - Richtek Technology Corporation RT9199 Datasheet HTML 10Page - Richtek Technology Corporation RT9199 Datasheet HTML 11Page - Richtek Technology Corporation RT9199 Datasheet HTML 12Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
RT9199
8
DS9199-07
September 2007
www.richtek.com
1.25VTT @ 1.8A Transient Response
50
0
-50
2
1
0
-1
-2
VIN = 2.5V, VCNTL = 5V, VOUT = 1.25V
Time (25
μs/Div)
Swing Frequency : 10kHz
VIN = 1.8V, VCNTL = 5V
Output Short-Circuit Protection
12
10
8
6
4
2
0
Time (1ms/Div)
Sink
VIN = 2.5V, VCNTL = 5V
Output Short-Circuit Protection
12
10
8
6
4
2
0
Time (1ms/Div)
Sink
VIN = 1.8V, VCNTL = 5V
Output Short-Circuit Protection
12
10
8
6
4
2
0
Time (1ms/Div)
Source
VIN = 2.5V, VCNTL = 5V
Output Short-Circuit Protection
12
10
8
6
4
2
0
Time (1ms/Div)
Source
0.9VTT @ 1.8A Transient Response
50
0
-50
2
1
0
-1
-2
VIN = 1.8V, VCNTL = 5V, VOUT = 0.9V
Time (25
μs/Div)
Swing Frequency : 10kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com