Electronic Components Datasheet Search
  English  ▼

X  

RT9199 Datasheet(PDF) 1 Page - Richtek Technology Corporation

Part # RT9199
Description  Cost-Effective, 2A Peak Sink/Source Bus Termination Regulator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9199 Datasheet(HTML) 1 Page - Richtek Technology Corporation

  RT9199 Datasheet HTML 1Page - Richtek Technology Corporation RT9199 Datasheet HTML 2Page - Richtek Technology Corporation RT9199 Datasheet HTML 3Page - Richtek Technology Corporation RT9199 Datasheet HTML 4Page - Richtek Technology Corporation RT9199 Datasheet HTML 5Page - Richtek Technology Corporation RT9199 Datasheet HTML 6Page - Richtek Technology Corporation RT9199 Datasheet HTML 7Page - Richtek Technology Corporation RT9199 Datasheet HTML 8Page - Richtek Technology Corporation RT9199 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
RT9199
1
DS9199-07
September 2007
www.richtek.com
Pin Configurations
Cost-Effective, 2A Peak Sink/Source Bus Termination Regulator
Ordering Information
General Description
The RT9199 is a simple, cost-effective and high-speed
linear regulator designed to generate termination voltage
in double data rate (DDR) memory system to comply with
the devices requirements. The regulator is capable of
actively sinking or sourcing up to 2A peak while regulating
an output voltage to within 20mV. The output termination
voltage can be tightly regulated to track 1/2VDDQ by two
external voltage divider resistors or the desired output
voltage can be pro-grammed by externally forcing the
REFEN pin voltage.
The RT9199 also incorporates a high-speed differential
amplifier to provide ultra-fast response in line/load transient.
Other features include extremely low initial offset voltage,
excellent load regulation, current limiting in bi-directions
and on-chip thermal shut-down protection.
The RT9199 are available in both SOP-8 and SOP-8
(Exposed Pad) surface mount packages.
Features
Ideal for DDR-II VTT Applications
Sink and Source 2A Peak Current
Integrated Power MOSFETs
Generate Termination Voltage for DDR Memory
Interfaces
High Accuracy Output Voltage at Full-Load
Output Adjustment by Two External Resistors
Low External Component Count
Shutdown for Suspend to RAM (STR) Functionality
with High-Impedance Output
Current Limiting Protection
On-Chip Thermal Protection
RoHS Compliant and 100% Lead (Pb)-Free
Applications
Desktop PCs, Notebooks, and Workstations
Graphics Card Memory Termination
Set Top Boxes, Digital TVs, Printers
Embedded Systems
Active Termination Buses
DDR/II Memory Systems
(TOP VIEW)
SOP-8
SOP-8 (Exposed Pad)
Note :
Richtek Pb-free and Green products are :
RoHS compliant and compatible with the current require-
ments of IPC/JEDEC J-STD-020.
Suitable for use in SnPb or Pb-free soldering processes.
100%matte tin (Sn) plating.
VIN
GND
REFEN
VOUT
VCNTL
2
3
4
5
6
7
8
VCNTL
VCNTL
VCNTL
Package Type
S : SOP-8
SP : SOP-8 (Exposed Pad-Option 2)
RT9199
Operating Temperature Range
P : Pb Free with Commercial Standard
G : Green (Halogen Free with Commer-
cial Standard)
VIN
GND
REFEN
VOUT
NC
NC
NC
VCNTL
GND
2
3
4
5
6
7
8
9


Similar Part No. - RT9199

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9193 RICHTEK-RT9193 Datasheet
208Kb / 12P
300mA, Ultra-Low Noise, Ultra-Fast CMOS LDO Regulator
RT9193 RICHTEK-RT9193 Datasheet
191Kb / 14P
300mA, Ultra-Low Noise, Ultra-Fast CMOS LDO Regulator
RT9193-15GB RICHTEK-RT9193-15GB Datasheet
208Kb / 12P
300mA, Ultra-Low Noise, Ultra-Fast CMOS LDO Regulator
RT9193-15GB RICHTEK-RT9193-15GB Datasheet
191Kb / 14P
300mA, Ultra-Low Noise, Ultra-Fast CMOS LDO Regulator
RT9193-15GF RICHTEK-RT9193-15GF Datasheet
191Kb / 14P
300mA, Ultra-Low Noise, Ultra-Fast CMOS LDO Regulator
More results

Similar Description - RT9199

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9173C RICHTEK-RT9173C Datasheet
225Kb / 13P
Cost-Effective, 2A Sink/Source Bus Termination Regulator
RT9173D RICHTEK-RT9173D Datasheet
223Kb / 13P
Cost-Effective, Peak 3A Sink/Source Bus Termination Regulator
logo
Eutech Microelectronics...
EUP7171 EUTECH-EUP7171 Datasheet
226Kb / 10P
2A Sink/Source Bus Termination Regulator
logo
Richtek Technology Corp...
RT9173D_0712 RICHTEK-RT9173D_0712 Datasheet
223Kb / 13P
Cost-Effective, Peak 3A Sink/Source Bus Termination Regulator
logo
Advanced Power Electron...
AP1250CMP A-POWER-AP1250CMP Datasheet
427Kb / 5P
2A Sink/Source Bus Termination Regulator
AP1280AMP A-POWER-AP1280AMP Datasheet
202Kb / 5P
2A SINK/SOURCE BUS TERMINATION REGULATOR
AP1280AMP A-POWER-AP1280AMP_14 Datasheet
202Kb / 5P
2A SINK/SOURCE BUS TERMINATION REGULATOR
AP1280AMP A-POWER-AP1280AMP_16 Datasheet
375Kb / 7P
2A SINK/SOURCE BUS TERMINATION REGULATOR
logo
Richtek Technology Corp...
RT9045 RICHTEK-RT9045 Datasheet
180Kb / 11P
Cost-Effective, 1.8A Sink/Source Bus Termination Regulator
logo
Excelliance MOS Corp.
EM5049 EXCELLIANCE-EM5049 Datasheet
1Mb / 10P
2A Sink/Source Bus Termination Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com