Electronic Components Datasheet Search
  English  ▼

X  

RT9199 Datasheet(PDF) 10 Page - Richtek Technology Corporation

Part # RT9199
Description  Cost-Effective, 2A Peak Sink/Source Bus Termination Regulator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9199 Datasheet(HTML) 10 Page - Richtek Technology Corporation

Back Button RT9199 Datasheet HTML 5Page - Richtek Technology Corporation RT9199 Datasheet HTML 6Page - Richtek Technology Corporation RT9199 Datasheet HTML 7Page - Richtek Technology Corporation RT9199 Datasheet HTML 8Page - Richtek Technology Corporation RT9199 Datasheet HTML 9Page - Richtek Technology Corporation RT9199 Datasheet HTML 10Page - Richtek Technology Corporation RT9199 Datasheet HTML 11Page - Richtek Technology Corporation RT9199 Datasheet HTML 12Page - Richtek Technology Corporation RT9199 Datasheet HTML 13Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
RT9199
10
DS9199-07
September 2007
www.richtek.com
The maximum power dissipation depends on the thermal
resistance of IC package, PCB layout, the rate of
surroundings airflow and temperature difference between
junction to ambient. The maximum power dissipation can
be calculated by following formula:
PD(MAX) = ( TJ(MAX)
− TA ) / θJA
Where TJ(MAX) is the maximum operation junction
temperature 125
°C, TA is the ambient temperature and the
θJA is the junction to ambient thermal resistance. The
junction to ambient thermal resistance for SOP-8 package
(Exposed Pad) is 86
°C/W, on standard JEDEC 51-7 (4
layers, 2S2P) thermal test board. The maximum power
dissipation at TA = 25
°C can be calculated by following
formula:
PD(MAX) = (125
°C − 25°C) / 86°C/W = 1.163W
Figure 8 shows the package sectional drawing of SOP-8
(Exposed Pad). Every package has several thermal
dissipation paths. As show in Figure 9, the thermal
resistance equivalent circuit of SOP-8 (Exposed Pad). The
path 2 is the main path due to these materials thermal
conductivity. We define the exposed pad is the case point
of the path 2.
Figure 8. SOP-8 (Exposed Pad) Package Sectional
Drawing
Ambient
Molding Compound
Gold Line
Lead Frame
Die Pad
Case (Exposed Pad)
PCB
The thermal resistance
θJA of SOP-8 (Exposed Pad) is
determined by the package design and the PCB design.
However, the package design has been decided. If possible,
it’ s useful to increase thermal performance by the PCB
design. The thermal resistance can be decreased by
adding copper under the expose pad of SOP-8 package.
Figure 10 show the relation between thermal resistance
θJA and copper area on a standard JEDEC 51-7 (4 layers,
2S2P) thermal test board at TA = 25
°C. We have to consider
the copper couldn’ t stretch infinitely and avoid the tin
overflow. We use the “Dog-Bone” copper patterns on the
top layer as Figure 11.
0
10
20
30
40
50
60
70
80
90
100
0
10
2030
405060
7080
Copper Area (mm
2)
Figure 10. Relation Between Thermal Resistance
θ
JA and
Copper Area
Figure 11. Dog-Bone Layout
Exposed Pad
W≦2.28mm
Figure 9. Thermal Resistance Equivalent Circuit
Junction
R
DIE
R
DIE-ATTACH RDIE-PAD
R
GOLD-LINE
R
LEAD FRAME
Case
(Exposed Pad)
R
PCB
R
PCB
Ambient
R
MOLDING-COMPOUND
path 1
path 2
path 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com