Electronic Components Datasheet Search
  English  ▼

X  

RT9202GS Datasheet(PDF) 4 Page - Richtek Technology Corporation

Part # RT9202GS
Description  Single Synchronous Buck PWM DC-DC Controller
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9202GS Datasheet(HTML) 4 Page - Richtek Technology Corporation

  RT9202GS Datasheet HTML 1Page - Richtek Technology Corporation RT9202GS Datasheet HTML 2Page - Richtek Technology Corporation RT9202GS Datasheet HTML 3Page - Richtek Technology Corporation RT9202GS Datasheet HTML 4Page - Richtek Technology Corporation RT9202GS Datasheet HTML 5Page - Richtek Technology Corporation RT9202GS Datasheet HTML 6Page - Richtek Technology Corporation RT9202GS Datasheet HTML 7Page - Richtek Technology Corporation RT9202GS Datasheet HTML 8Page - Richtek Technology Corporation RT9202GS Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
RT9202
4
DS9202-09
March 2007
www.richtek.com
Functional Pin Description
BOOT (Pin 1)
This pin provides ground referenced bias voltage to the
upper MOSFET driver. A bootstrap circuit is used to
create a voltage suitable to drive a logic-level N-MOSFET
when operating at a single 5V power supply. This pin also
could be powered from ATX 12V, in this situation, an internal
6.0V regulator will supply to VCC pin for internal voltage
bias.
UGATE (Pin 2)
Connect UGATE pin to the PWM converter's upper
MOSFET gate. This pin provides the gate drive for the
upper MOSFET.
GND (Pin 3)
Signal and power ground for the IC. All voltage levels are
measured with respect to this pin.
LGATE (Pin 4)
Connect LGATE to the PWM converter's lower MOSFET
gate. This pin provides the gate drive for the lower
MOSFET.
VCC (Pin 5)
This is the main bias supply for the RT9202. This pin also
provides the gate bias charge for the lower MOSFET gate.
The voltage at this pin is monitored for power-on reset
(POR) purpose. This pin is also the internal 6.0V regulator
output powered from BOOT pin when BOOT pin is directly
powered from ATX 12V.
FB (Pin 6)
This pin is connected to the PWM converter's output
divider. This pin also connects to internal PWM error
amplifier inverting input and protection monitor.
OCSET (Pin 7)
Connect a resistor from this pin to the drain of the upper
MOSFET. This resistor, an internal 40
µA current source,
and the upper MOSFET on-resistance set the converter
over-current trip point. An over-current trip cycles the soft-
start function. The voltage at this pin is monitored for
power-on reset (POR) purpose and pulling this pin low
with an open drain device will shut down the IC.
PHASE (Pin 8)
This pin is used to monitor the voltage drop across the
upper MOSFET for over-current protection.
DS(ON)
OCSET
OCSET
PEAK
R
R
I
I
×
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com