Electronic Components Datasheet Search
  English  ▼

X  

RT9202GS Datasheet(PDF) 5 Page - Richtek Technology Corporation

Part # RT9202GS
Description  Single Synchronous Buck PWM DC-DC Controller
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9202GS Datasheet(HTML) 5 Page - Richtek Technology Corporation

  RT9202GS Datasheet HTML 1Page - Richtek Technology Corporation RT9202GS Datasheet HTML 2Page - Richtek Technology Corporation RT9202GS Datasheet HTML 3Page - Richtek Technology Corporation RT9202GS Datasheet HTML 4Page - Richtek Technology Corporation RT9202GS Datasheet HTML 5Page - Richtek Technology Corporation RT9202GS Datasheet HTML 6Page - Richtek Technology Corporation RT9202GS Datasheet HTML 7Page - Richtek Technology Corporation RT9202GS Datasheet HTML 8Page - Richtek Technology Corporation RT9202GS Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
RT9202
5
DS9202-09
March 2007
www.richtek.com
Electrical Characteristics
(VCC = 5V, TA = 25° C, Unless otherwise specified.)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
VCC Supply Current / Regulated Voltage
Nominal Supply Current
ICC
UGATE, LGATE open
--
3
6
mA
Regulated Voltage from BOOT
VCC
VBOOT = 12V
5
6
7
V
Power-On Reset
Rising VCC Threshold
VOCSET = 4.5V
3.85
4.1
4.35
V
VCC Threshold Hysteresis
VOCSET = 4.5V
0.3
0.5
0.7
V
Rising VOCSET Threshold
0.8
1.25
2.0
V
Reference
Reference Voltage
0.784
0.8
0.816
V
Oscillator
Free Running Frequency
250
300
350
kHz
Ramp Amplitude
∆ VOSC
--
1.75
--
VP-P
Error Amplifier
DC gain
32
35
38
dB
PWM Controller Gate Driver
Upper Drive Source
RUGATE
BOOT= 12V
BOOT-VUGATE = 1V
--
7
11
Ω
Upper Drive Sink
RUGATE
VUGATE = 1V
--
5
7.5
Ω
Lower Drive Source
RLGATE
VCC - VLGATE = 1V,
--
4
6
Ω
Lower Drive Sink
RLGATE
VLGATE = 1V
--
2
4
Ω
To be continued
Absolute Maximum Ratings
(Note 1)
l
Supply Input Voltage, VCC ----------------------------------------------------------------------------------------- 7V
l
BOOT & UGATE to GND -------------------------------------------------------------------------------------------- 15V
l
Input, Output or I/O Voltage
---------------------------------------------------------------------------------------- GND
− 0.3V to 7V
l
Power Dissipation, PD @ TA = 25
°C
l
SOP-8 ------------------------------------------------------------------------------------------------------------------- 0.625W
l
Package Thermal Resistance (Note 4)
l
SOP-8,
θJA-------------------------------------------------------------------------------------------------------------- 160°C/W
l
Ambient Temperature Range ---------------------------------------------------------------------------------------0
°C to +70°C
l
Lead Temperature (Soldering, 10 sec.) --------------------------------------------------------------------------- 260
°C
l
Storage Temperature Range ----------------------------------------------------------------------------------------
−65°C to +150°C
l
ESD Susceptibility (Note 2)
HBM (Human Body Mode) ------------------------------------------------------------------------------------------ 2kV
MM (Machine Mode) ------------------------------------------------------------------------------------------------- 200V
Recommended Operating Conditions
(Note 3)
l
Junction Temperature Range ---------------------------------------------------------------------------------------
−40°C to +125°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com