Electronic Components Datasheet Search
  English  ▼

X  

RT9202GS Datasheet(PDF) 9 Page - Richtek Technology Corporation

Part # RT9202GS
Description  Single Synchronous Buck PWM DC-DC Controller
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9202GS Datasheet(HTML) 9 Page - Richtek Technology Corporation

Back Button RT9202GS Datasheet HTML 5Page - Richtek Technology Corporation RT9202GS Datasheet HTML 6Page - Richtek Technology Corporation RT9202GS Datasheet HTML 7Page - Richtek Technology Corporation RT9202GS Datasheet HTML 8Page - Richtek Technology Corporation RT9202GS Datasheet HTML 9Page - Richtek Technology Corporation RT9202GS Datasheet HTML 10Page - Richtek Technology Corporation RT9202GS Datasheet HTML 11Page - Richtek Technology Corporation RT9202GS Datasheet HTML 12Page - Richtek Technology Corporation RT9202GS Datasheet HTML 13Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
RT9202
9
DS9202-09
March 2007
www.richtek.com
Application Information
The RT9202 operates at either single 5V power supply
with a bootstrap UGATE driver or 5V/12V dual-power
supply form the ATX SMPS. The dual- power supply is
recommended for high current application, the RT9202
can deliver higher gate driving current while operating
with ATX SMPS based on dual-power supply.
The Bootstrap Operation
In a single power supply system, the UGATE driver of
RT9202 is powered by an external bootstrap circuit, as
the Figure 1. The boot capacitor, CBOOT, generates a
floating reference at the PHASE pin. Typically a 0.1
µF
CBOOT is enough for most of MOSFETs used with the
RT9202. The voltage drop between BOOT and PHASE
is refreshed to a voltage of VCC
− diode drop (V
D) while
the low side MOSFET turning on.
Dual Power Operation
The RT9202 is designed to regulate a 6.0V at VCC pin
automatically when BOOT pin is powered by 12V. In a
system with ATX 5V/12V power supply, the RT9202 is
ideal for higher current application due to the higher gate
driving capability, VUGATE = 7V and VLGATE = 6.0V. A RC
(10
Ω/1µF) filter is also recommended at BOOT pin to
prevent the ringing induced from fast power on, as shown
in Figure 2.
5V
VCC
LGATE
PHASE
UGATE
BOOT
R1
VCC
C2
1uF
RT9202
0.1uF
D1
5V
VCC
LGATE
UGATE
BOOT
R1
C2
1uF
RT9202
1uF
6.0V
Regulation
10
C1
12V
VCC
5V
Figure 1. Single 5V power Supply Operation
Figure 2. Dual Power Supply Operation
Power On Reset
The Power-On Reset (POR) monitors the supply voltage
(normal +5V) at the VCC pin and the input voltage at the
OCSET pin. The VCC POR level is 4.1V with 0.5V
hysteresis and the normal level at OCSET pin is 1.5V
(see over-current protection). The POR function initiates
soft-start operation after all supply voltages exceed their
POR thresholds.
Soft Start
A built-in soft-start is used to prevent surge current from
power supply input during power on. The soft-start
voltage is controlled by an internal digital counter. It
clamps the ramping of reference voltage at the input of
error amplifier and the pulse-width of the output driver
slowly. The typical soft-start duration is 2ms.
Over-Current Protection
The over current protection (OCP) function of the RT9202
is triggered when the voltage across the RDS(ON) of upper
side MOSFET that developed by drain current exceeds
over-current tripping level. An external resistor (ROCSET)
programs the over-current tripping level of the PWM
converter. As shown on Figure 3 the internal 40
µA current
sink (IOCSET) develops a voltage across ROCSET (VSET)
that is referenced to VIN. The DRIVE signal enables the
over-current comparator (OC). When the voltage across
the upper MOSFET (VDS(ON)) exceeds VSET, the over-
current comparator trips to set the over-current latch.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com