Electronic Components Datasheet Search
  English  ▼

X  

RT9232 Datasheet(PDF) 4 Page - Richtek Technology Corporation

Part # RT9232
Description  Programmable Frequency Synchronous Buck PWM Controller
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9232 Datasheet(HTML) 4 Page - Richtek Technology Corporation

  RT9232 Datasheet HTML 1Page - Richtek Technology Corporation RT9232 Datasheet HTML 2Page - Richtek Technology Corporation RT9232 Datasheet HTML 3Page - Richtek Technology Corporation RT9232 Datasheet HTML 4Page - Richtek Technology Corporation RT9232 Datasheet HTML 5Page - Richtek Technology Corporation RT9232 Datasheet HTML 6Page - Richtek Technology Corporation RT9232 Datasheet HTML 7Page - Richtek Technology Corporation RT9232 Datasheet HTML 8Page - Richtek Technology Corporation RT9232 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
RT9232
4
DS9232-06 March 2007
www.richtek.com
Electrical Characteristics
(VCC = 12V, TA = 25
°C, Unless otherwise specified.)
Parameter
Symbol
Test Conditions
Min
Typ.
Max
Units
V
CC
Supply Current
Nominal Supply Current
ICC
EN=VCC, UGATE, LGATE open
--
3
--
mA
Power-On Reset (POR)
V
CC Rising Threshold
VCC_ON
VSENSE = 4.5V
8.4
--
10
V
Power On Reset Hysteresis
VSENSE = 4.5V
0.4
0.7
--
V
SENSE Rising Threshold for start up VSENSE_ON
--
1.5
2
V
Enable Input Threshold (ON)
VEN_ON
VSENSE = 4.5V
--
--
2
V
Enable Input Threshold (OFF)
VEN,_OFF
VSENSE = 4.5V
0.8
--
--
V
Oscillator
RT9232
fOSC
170
200
230
kHz
Free Running Frequency
Variation
6k < (RT to GND) < 200k
-20
20
%
Ramp Amplitude
Δ VOSC
--
2
--
VP-P
Reference
Error Amplifier Reference Voltage
VREF
0.792
0.8
0.808
V
To be continued
Absolute Maximum Ratings
(Note 1)
Supply Input Voltage, VCC, PVCC--------------------------------------------------------------------------- 15V
PHASE to GND
DC -------------------------------------------------------------------------------------------------------------------
−5V to 15V
< 200ns ------------------------------------------------------------------------------------------------------------
−10V to 30V
BOOT to PHASE ------------------------------------------------------------------------------------------------ 15V
BOOT to GND
DC -------------------------------------------------------------------------------------------------------------------
−0.3V to VCC+15V
< 200ns ------------------------------------------------------------------------------------------------------------
−0.3V to 42V
SS, FB, COMP, RT --------------------------------------------------------------------------------------------- 6V
Input, Output or I/O Voltage ----------------------------------------------------------------------------------- GND
−0.3V to VCC+ 0.3V
Package Thermal Resistance (Note 4)
SOP-14,
θJA ----------------------------------------------------------------------------------------------------- 100°C/W
Lead Temperature (Soldering, 10 sec.) -------------------------------------------------------------------- 260
°C
Junction Temperature ------------------------------------------------------------------------------------------ 150
°C
Storage Temperature Range ----------------------------------------------------------------------------------
−65°C to 150°C
ESD Susceptibility (Note 2)
HBM (Human Body Mode) ----------------------------------------------------------------------------------- 2kV
MM (Machine Mode) ------------------------------------------------------------------------------------------- 200V
Recommended Operating Conditions
(Note 3)
Supply Input Voltage, VCC ------------------------------------------------------------------------------------ 12V
±10%
Supply Voltage to Drain of Upper MOSFETs, VIN ------------------------------------------------------- 3.3V, 5V to 12V
±10%
Ambient Temperature Range --------------------------------------------------------------------------------- 0
°C to 70°C
Junction Temperature Range --------------------------------------------------------------------------------- 0
°C to 125°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com