Electronic Components Datasheet Search
  English  ▼

X  

RT9232 Datasheet(PDF) 10 Page - Richtek Technology Corporation

Part # RT9232
Description  Programmable Frequency Synchronous Buck PWM Controller
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9232 Datasheet(HTML) 10 Page - Richtek Technology Corporation

Back Button RT9232 Datasheet HTML 6Page - Richtek Technology Corporation RT9232 Datasheet HTML 7Page - Richtek Technology Corporation RT9232 Datasheet HTML 8Page - Richtek Technology Corporation RT9232 Datasheet HTML 9Page - Richtek Technology Corporation RT9232 Datasheet HTML 10Page - Richtek Technology Corporation RT9232 Datasheet HTML 11Page - Richtek Technology Corporation RT9232 Datasheet HTML 12Page - Richtek Technology Corporation RT9232 Datasheet HTML 13Page - Richtek Technology Corporation RT9232 Datasheet HTML 14Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
RT9232
10
DS9232-06 March 2007
www.richtek.com
Switching Frequency Setting
The default switching frequency is 200kHz when RT pin
left open. A resistor connected (RRT) from RT pin to ground
increases the switching frequency as Equation (3).
Conversely, connecting a pull-up resistor (RRT) from RT pin
reduces the switching frequency according to Equation (4)
Under Voltage Protection
The under voltage protection is enabled when the RT9232
is activated and SS voltage is higher than 4V. The UVP
function is specified for protecting the converter from an
instant output short circuit during normal operation. The
RT9232 continuously monitors the output voltage by
detecting the voltage on FB pin. The UVP function is
triggered and initiates the hiccup cycles when output
voltage lower than 75% of designated voltage with a 30us
delay.
Hiccup cycle turns off both upper and lower MOSFET first.
An internal 10uA current sink discharges the softstart
capacitor CSS. SS pin voltage ramps down linearly. When
SS pin voltage touches 0V, hiccup cycle releases and
normal softstart cycle takes over. When SS voltage is
higher than 4V, the UVP function is enabled again. The
hiccup cycle restarts if the output short event still remains.
The converter is shutdown permanently after 3 times hiccup
and only restarting supply voltages can enable the
converter.
Note that triggering the POR function or EN will reset the
hiccup counter. Make sure that VCC, EN and SENSE pin
voltages are higher than their respective trip level when
output short circuit occurs or the UVP function may not
latch up the converter causing permanent damage to the
converter.
Short Circuit Protection
There is a protection implemented in RT9232 for short
circuit protection, the protection can significantly protect
the power stage from burn-out while the congenital output
circuit short as shown in Figure 2. The SCP will be
triggered while the POR is triggered 3 times including the
1st POR of system power on. While the SCP been
triggered, the fault is latched until the VCC power is
removed.
Figure 2
VOUT
VIN
(2V/Div)
SS
UGATE
(20V/Div)
(2V/Div)
(10V/Div)
POR1
POR3
POR2
Component Selection
Components should be appropriately selected to ensure
stable operation, fast transient response, high efficiency,
minimum BOM cost and maximum reliability.
Output Inductor Selection
The selection of output inductor is based on the
considerations of efficiency, output power and operating
frequency. For a synchronous buck converter, the ripple
current of inductor (
ΔIL) can be calculated as follows:
As shown as Figure 3. The POR of the chip could be
triggered by three major signal including 5VBUS which is
applied for internal logic use only, 12V, and EN. The POR
will be issued if all of the 3 events are true.
Per RT9232 implementation, the EN is one of signals will
trigger SCP, and it's possible to mal-trigger SCP while a
unclear EN signals being applied. The enabling circuitry
should be took care specially while implementing the EN
circuit.
POR
5V
BUS
5V
BUS
12V > V
CC_ON
EN > V
EN_ON
Figure 3
kHz
)
(
R
10
x
2.9
200kHz
f
RT
6
OSC
Ω
+
=
(3) (RRT to GND)
kHz
)
(
R
10
x
33
200kHz
f
RT
6
OSC
Ω
−
=
(4) (R
RT to VCC = 12V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com