Electronic Components Datasheet Search
  English  ▼

X  

RT9232 Datasheet(PDF) 6 Page - Richtek Technology Corporation

Part # RT9232
Description  Programmable Frequency Synchronous Buck PWM Controller
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9232 Datasheet(HTML) 6 Page - Richtek Technology Corporation

Back Button RT9232 Datasheet HTML 2Page - Richtek Technology Corporation RT9232 Datasheet HTML 3Page - Richtek Technology Corporation RT9232 Datasheet HTML 4Page - Richtek Technology Corporation RT9232 Datasheet HTML 5Page - Richtek Technology Corporation RT9232 Datasheet HTML 6Page - Richtek Technology Corporation RT9232 Datasheet HTML 7Page - Richtek Technology Corporation RT9232 Datasheet HTML 8Page - Richtek Technology Corporation RT9232 Datasheet HTML 9Page - Richtek Technology Corporation RT9232 Datasheet HTML 10Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
RT9232
6
DS9232-06 March 2007
www.richtek.com
Typical Operating Characteristics
RRT vs. Oscillator Frequency
1
10
100
1000
0
100
200
300
400
500
600
700
800
Frequency (kHz)
Pull high to VCC
Pull down to GND
Efficient vs. Output Current
50
60
70
80
90
100
0
5
10
15
20
25
30
Output Current (A)
VIN = 3.3V
VIN = 5V
VIN = 12V
Time (1us/Div)
UGATE
Bootstrap Wave Form
PHASE
LGATE
VOUT
(5V/Div)
(5V/Div)
(5V/Div)
(500mV/Div)
Dead Time
Time (25ns/Div)
UGATE
LGATE
(5V/Div)
Loading = 0A
VGS
PHASE
Dead Time
Time (25ns/Div)
Loading = 0A
LGATE
UGATE
(5V/Div)
VGS
PHASE
UVP
Time (20ms/Div)
UGATE (10V/Div)
FB (500mV/Div)
SS (5V/Div)
VCC = EN (2V/Div)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com