Electronic Components Datasheet Search
  English  ▼

X  

ADL5387 Datasheet(PDF) 13 Page - Analog Devices

Part # ADL5387
Description  50 MHz to 2 GHz Quadrature Demodulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5387 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADL5387 Datasheet HTML 9Page - Analog Devices ADL5387 Datasheet HTML 10Page - Analog Devices ADL5387 Datasheet HTML 11Page - Analog Devices ADL5387 Datasheet HTML 12Page - Analog Devices ADL5387 Datasheet HTML 13Page - Analog Devices ADL5387 Datasheet HTML 14Page - Analog Devices ADL5387 Datasheet HTML 15Page - Analog Devices ADL5387 Datasheet HTML 16Page - Analog Devices ADL5387 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
ADL5387
Rev. 0 | Page 13 of 28
DISTRIBUTIONS FOR fRF = 1900 MHz
100
0
20
40
60
80
26
31
29
30
28
27
INPUT IP3 (dBm)
TA = +85°C
TA = +25°C
TA = –40°C
Figure 39. IIP3 Distributions
100
0
20
40
60
80
10
15
13
14
12
11
INPUT P1dB (dBm)
TA = +85°C
TA = +25°C
TA = –40°C
Figure 40. IP1dB Distributions
100
0
20
40
60
80
–0.2
0.2
0.1
0
–0.1
I/Q GAIN MISMATCH (dB)
TA = +85°C
TA = +25°C
TA = –40°C
Figure 41. I/Q Gain Mismatch Distributions
100
0
20
40
60
80
52
68
66
64
62
60
58
56
54
INPUT IP2 (dBm)
TA = +85°C
TA = +25°C
TA = –40°C
Q CHANNEL
I CHANNEL
Figure 42. IIP2 Distributions for I Channel and Q Channel
100
0
20
40
60
80
15.0
18.0
17.5
17.0
16.5
16.0
15.5
NOISE FIGURE (dB)
TA = +85°C
TA = +25°C
TA = –40°C
Figure 43. Noise Figure Distributions
100
0
20
40
60
80
–1.0
1.0
0.5
0
–0.5
QUADRATURE PHASE ERROR (Degrees)
TA = +85°C
TA = +25°C
TA = –40°C
Figure 44. I/Q Quadrature Error Distributions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com