Electronic Components Datasheet Search
  English  ▼

X  

ADL5387 Datasheet(PDF) 3 Page - Analog Devices

Part # ADL5387
Description  50 MHz to 2 GHz Quadrature Demodulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5387 Datasheet(HTML) 3 Page - Analog Devices

  ADL5387 Datasheet HTML 1Page - Analog Devices ADL5387 Datasheet HTML 2Page - Analog Devices ADL5387 Datasheet HTML 3Page - Analog Devices ADL5387 Datasheet HTML 4Page - Analog Devices ADL5387 Datasheet HTML 5Page - Analog Devices ADL5387 Datasheet HTML 6Page - Analog Devices ADL5387 Datasheet HTML 7Page - Analog Devices ADL5387 Datasheet HTML 8Page - Analog Devices ADL5387 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
ADL5387
Rev. 0 | Page 3 of 28
SPECIFICATIONS
VS = 5 V, TA = 25°C, fRF = 900 MHz, fIF = 4.5 MHz, PLO = 0 dBm, BIAS pin open, ZO = 50 Ω, unless otherwise noted, baseband outputs
differentially loaded with 450 Ω.
Table 1.
Parameter
Condition
Min
Typ
Max
Unit
OPERATING CONDITIONS
LO Frequency Range
External input = 2xLO frequency
0.1
4
GHz
RF Frequency Range
0.05
2
GHz
LO INPUT
LOIP, LOIN
Input Return Loss
AC-coupled into LOIP with LOIN bypassed,
measured at 2 GHz
−10
dB
LO Input Level
−6
0
+6
dBm
I/Q BASEBAND OUTPUTS
QHI, QLO, IHI, ILO
Voltage Conversion Gain
450 Ω differential load on I and Q outputs
(@ 900 MHz)
4.3
dB
200 Ω differential load on I and Q outputs
(@ 900 MHz)
3.2
dB
Demodulation Bandwidth
1 V p-p signal 3 dB bandwidth
240
MHz
Quadrature Phase Error
@ 900 MHz
0.4
Degrees
I/Q Amplitude Imbalance
0.1
dB
Output DC Offset (Differential)
0 dBm LO input
±5
mV
Output Common-Mode
VPOS − 2.8
V
0.1 dB Gain Flatness
40
MHz
Output Swing
Differential 200 Ω load
2
V p-p
Peak Output Current
Each pin
12
mA
POWER SUPPLIES
VPA, VPL, VPB, VPX
Voltage
4.75
5.25
V
Current
BIAS pin open
180
mA
RBIAS = 4 kΩ
157
mA
DYNAMIC PERFORMANCE @ RF = 140 MHz
RFIP, RFIN
Conversion Gain
4.7
dB
Input P1dB (IP1dB)
13
dBm
Second-Order Input Intercept (IIP2)
−5 dBm each input tone
67
dBm
Third-Order Input Intercept (IIP3)
−5 dBm each input tone
31
dBm
LO to RF
RFIN, RFIP terminated in 50 Ω, 1xLO
appearing at the RF port
−100
dBm
RF to LO
LOIN, LOIP terminated in 50 Ω
−95
dBc
I/Q Magnitude Imbalance
0.05
dB
I/Q Phase Imbalance
0.2
Degrees
LO to I/Q
RFIN, RFIP terminated in 50 Ω, 1xLO
appearing at the BB port
−39
dBm
Noise Figure
12.0
dB
Noise Figure under Blocking Conditions
With a −5 dBm interferer 5 MHz away
14.4
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com