Electronic Components Datasheet Search
  English  ▼

X  

ADL5387 Datasheet(PDF) 16 Page - Analog Devices

Part # ADL5387
Description  50 MHz to 2 GHz Quadrature Demodulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5387 Datasheet(HTML) 16 Page - Analog Devices

Back Button ADL5387 Datasheet HTML 12Page - Analog Devices ADL5387 Datasheet HTML 13Page - Analog Devices ADL5387 Datasheet HTML 14Page - Analog Devices ADL5387 Datasheet HTML 15Page - Analog Devices ADL5387 Datasheet HTML 16Page - Analog Devices ADL5387 Datasheet HTML 17Page - Analog Devices ADL5387 Datasheet HTML 18Page - Analog Devices ADL5387 Datasheet HTML 19Page - Analog Devices ADL5387 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 28 page
background image
ADL5387
Rev. 0 | Page 16 of 28
RF INPUT
The RF inputs have a differential input impedance of
approximately 50 Ω. For optimum performance, the RF port
should be driven differentially through a balun. The recommended
balun is M/A-COM ETC1-1-13. The RF inputs to the device
should be ac-coupled with 1000 pF capacitors. Ground-referenced
choke inductors must also be connected to RFIP and RFIN
(recommended value = 120 nH, Coilcraft 0402CS-R12XJL) for
appropriate biasing. Several important aspects must be taken
into account when selecting an appropriate choke inductor for
this application. First, the inductor must be able to handle the
approximately 40 mA of standing dc current being delivered
from each of the RF input pins (RFIP, RFIN). (The suggested
0402 inductor has a 50 mA current rating). The purpose of the
choke inductors is to provide a very low resistance dc path to
ground and high ac impedance at the RF frequency so as not to
affect the RF input impedance. A choke inductor that has a self-
resonant frequency greater than the RF input frequency ensures
that the choke is still looking inductive and therefore has a more
predictable ac impedance (jωL) at the RF frequency. Figure 48
shows the RF input configuration.
RF INPUT
RFIN
ETC1-1-13
120nH
120nH
RFIP
1000pF
1000pF
21
22
Figure 48. RF Input
The differential RF port return loss has been characterized as
shown in Figure 49.
–10
–12
–14
–16
–18
–20
–22
–24
–26
–28
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
FREQUENCY (GHz)
Figure 49. Differential RF Port Return Loss
BASEBAND OUTPUTS
The baseband outputs QHI, QLO, IHI, and ILO are fixed
impedance ports. Each baseband pair has a 50 Ω differential
output impedance. The outputs can be presented with differential
loads as low as 200 Ω (with some degradation in linearity and
gain) or high impedance differential loads (500 Ω or greater
impedance yields the same excellent linearity) that is typical of
an ADC. The TCM9-1 9:1 balun converts the differential IF
output to single-ended. When loaded with 50 Ω, this balun
presents a 450 Ω load to the device. The typical maximum
linear voltage swing for these outputs is 2 V p-p differential.
The bias level on these pins is equal to VPOS − 2.8 V. The
output 3 dB bandwidth is 240 MHz. Figure 50 shows the
baseband output configuration.
QHI
QLO
IHI
ILO
QHI
QLO
IHI
ILO
16
15
14
13
Figure 50. Baseband Output Configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com