Electronic Components Datasheet Search
  English  ▼

X  

AT7601FG Datasheet(PDF) 28 Page - Analog Microelectronics

Part # AT7601FG
Description  Printer Port Controller
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AME [Analog Microelectronics]
Direct Link  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AT7601FG Datasheet(HTML) 28 Page - Analog Microelectronics

Back Button AT7601FG Datasheet HTML 24Page - Analog Microelectronics AT7601FG Datasheet HTML 25Page - Analog Microelectronics AT7601FG Datasheet HTML 26Page - Analog Microelectronics AT7601FG Datasheet HTML 27Page - Analog Microelectronics AT7601FG Datasheet HTML 28Page - Analog Microelectronics AT7601FG Datasheet HTML 29Page - Analog Microelectronics AT7601FG Datasheet HTML 30Page - Analog Microelectronics AT7601FG Datasheet HTML 31Page - Analog Microelectronics AT7601FG Datasheet HTML 32Page - Analog Microelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 35 page
background image
AME, Inc.
28
Printer Port Cotroller
AT7601F
Rev. B.02
Parameter
Maximum
Unit
Supply range
7
Voltage at any pin
GND-0.3V to VCC +0.3
Operating temperature
0 to +70
Storage temperature
-140 to +150
Package dissipation
500
mW
Table 13. Absolute Maximum Ratings
oC
V
Limits
Min
Typ
Max
T34
Hose data setup to IOW# active
0
20
us
T35
Hose data hold from IOW# active
0
us
T36
IOW# active to IOCHRDY low
0
20
us
T37
IOCHRDY high to Host terminate
10
us
(IOW# inactive)
T38
IOW# inactive to Host command active
40
us
(IOW# or IOR#)
T39
IOCHRDY pre-charge width at release
10
us
T40
Hose address setup to IOR# active
40
us
T41
Hose address hold from IOR# active
10
us
T42
Hose data setup to IOR# inactive
0
20
us
T43
Host data hold from IOR# inactive
0
us
T44
IOR# active to IOCHRDY low
0
20
us
T45
IOCHRDY high to Host terminate
10
us
(IOR# inactive)
T46
IOR# inactive to Host commandactive
40
us
(IOW# or IOR#)
TA=0 ~70
OC, Vcc=5.0V
10% unless otherwise specified.
Table 12. AC Electrical Characteristics
Symbol
Parameter
Units
Conditions
±



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com