| Electronic Components Datasheet Search |
|
AT7601FG Datasheet(PDF) 8 Page - Analog Microelectronics |
|
|
|||||||||||||||||||||||||||||
AT7601FG Datasheet(HTML) 8 Page - Analog Microelectronics |
|
8 / 35 page ![]() AME, Inc. 8 Printer Port Cotroller AT7601F Rev. B.02 Bit 3 SLIN (PRINTER SELECT INPUT) This bit is inverted and output onto the SLIN# output. A logic 1 on this bit selects the printer; a logic 0 means the printer is not selected. Bit 2 INIT# (INITIATE OUTPUT) A 0 starts the printer (50 microsecond pulse, minimum). Bit 1 AFD (AUTOFEED) This bit is inverted and output onto the AFD# output. A logic 1 causes the printer to generate a line feed after each line is printed. A logic 0 means no autofeed. Bit 0 STB (STROBE) A 0.5 microsecond minimum high active pulse clocks data into the printer. Valid data must be present for a minimum of 0.5 microseconds before and after the strobe pulse. This bit is inverted and output onto the STB# output. 5-2-3 EPP Address Port ADDRESS OFFSET = 03H The address port is available only in EPP mode. Bit definitions are as follows: The contents of DB0-DB7 are b uffered (non- inverting) and output to ports PD0-PD7 during a write operation. The leading edge of LOW causes an EPP address write cycle to be performed, and the trailing edge of LOW latches the data for the duration of the EPP write cycle. PD0-PD7 ports are read during a read operation. The leading edge of IOR causes and EPP address read cycle to be performed and the data to be output to the host CPU. PD0 7 5 6 4 3 2 1 0 PD1 PD2 PD3 PD4 PD5 PD6 PD7 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |