Electronic Components Datasheet Search
  English  ▼

X  

AT7601FG Datasheet(PDF) 5 Page - Analog Microelectronics

Part # AT7601FG
Description  Printer Port Controller
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AME [Analog Microelectronics]
Direct Link  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AT7601FG Datasheet(HTML) 5 Page - Analog Microelectronics

  AT7601FG Datasheet HTML 1Page - Analog Microelectronics AT7601FG Datasheet HTML 2Page - Analog Microelectronics AT7601FG Datasheet HTML 3Page - Analog Microelectronics AT7601FG Datasheet HTML 4Page - Analog Microelectronics AT7601FG Datasheet HTML 5Page - Analog Microelectronics AT7601FG Datasheet HTML 6Page - Analog Microelectronics AT7601FG Datasheet HTML 7Page - Analog Microelectronics AT7601FG Datasheet HTML 8Page - Analog Microelectronics AT7601FG Datasheet HTML 9Page - Analog Microelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 35 page
background image
AME, Inc.
5
AT7601F
Printer Port Controller
Rev. B.02
A2
A1
A0
Register
Note
0
0
0
Data Port
1
0
0
1
Printer Status Port
1
0
1
0
Printer Control Port
1
0
1
1
EPP Address Port
2,3
1
0
0
EPP Data Port 0
2,3
1
0
1
EPP Data Port 1
2,3
1
1
0
EPP Data Port 2
2,3
1
1
1
EPP Data Port 3
2,3
Table 6. EPP Pin Descriptions
Note 1: These registers are in all mode
Note 2: These registers are in EPP mode
Note 3: For EPP mode, IOCHRDY must be connect to the ISA BUS
5-2 Enhanced Parallel Port(EPP)
SPP Name
EPP Name
I/O Type
EPP Description
STB#
Write#
O
Active low; It indicates a write operation.
PD[0:7]
PD [0: 7]
I/O
Bi-directional EPP byte wide address and data bus.
ACK#
INTR
I
Interrupt, Active high; Peripheral generates an interrupt to
the host.
BUSY
Wait#
I
Active low; it is handshake signal. When low, it indicates
that the device is ready for next transfer, when high, it
indicates that the data transfer is complete.
PE
PE
I
Paper End; Same as SPP mode.
SLCT
Select
I
Printer selected status; Same as SPP mode.
AFD
DataSTB#
O
Data Strobe ; Active low; it indicates a data read or write
operation.
ERR#
Error#
I
Error; Same as SPP mode.
INIT#
INIT#
O
Active low; The EPP device is reset to its initial operating
mode.
SLIN#
AddrSTB#
O
Address Strobe ; Active low; It indicates an address read
or write operation.
Table 5. EPP Pin Descriptions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com