Electronic Components Datasheet Search
  English  ▼

X  

RT9591 Datasheet(PDF) 4 Page - Richtek Technology Corporation

Part # RT9591
Description  Smart Photoflash Capacitor Charger with IGBT Driver
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9591 Datasheet(HTML) 4 Page - Richtek Technology Corporation

  RT9591 Datasheet HTML 1Page - Richtek Technology Corporation RT9591 Datasheet HTML 2Page - Richtek Technology Corporation RT9591 Datasheet HTML 3Page - Richtek Technology Corporation RT9591 Datasheet HTML 4Page - Richtek Technology Corporation RT9591 Datasheet HTML 5Page - Richtek Technology Corporation RT9591 Datasheet HTML 6Page - Richtek Technology Corporation RT9591 Datasheet HTML 7Page - Richtek Technology Corporation RT9591 Datasheet HTML 8Page - Richtek Technology Corporation RT9591 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
RT9591
Preliminary
4
DS9591-07 August 2007
www.richtek.com
Patent Pending
Function Block Diagram
Functional Pin Description
Pin No.
Pin Name
Pin Function
1
FB
Feedback Voltage Pin.
2
PGND
Power Ground.
3
EXT
Output Pin for driving external NMOS on Flyback topology.
4
GND
Ground.
5
VDD
Power Input Pin of RT9591.
6
CHARGE
Charge Enable Pin, the charge function is executed when CHARGE pin is set from
Low to High. And the RT9591 gets into Shutdown mode when CHARGE pin is set to
Low.
7
STAT
Charge Status Output. Open Drain output. When target output voltage is reached,
N-MOSFET turns off. This pin needs a pull up resistor.
8
FBVD
Voltage Detector Feedback Pin.
9
VDOUT
Voltage Detector Output Pin, Open Drain output.
10
IMCD
Minimum Current Detection Pin.
11
VDRV
IGBT Driver Power Pin.
12
DRVOUT IGBT Driver Output Pin.
13
GNDDRV IGBT Driver Ground Pin.
14
DRVIN
IGBT Driver Input Pin.
15
CS
Input Current Setting Pin.
16
VBAT
Battery Supply Voltage Input Pin.
Exposed Pad (17) GND
The exposed pad must be soldered to a large PCB and connected to GND for
maximum power dissipation.
Ω
RQ
S
One
Shot
+ -
RQ
S
HV Detector
One
Shot
Charging Block Enable
Latch
Chip Enable
Voltage Detector
1.0V Reference
IGBT Driver
DRVIN
FBVD
CHARGE
CS
VDD
GND
GNDDRV
DRVOUT
VDRV
STAT
VDOUT
FB
IMCD
Driver
3.6
36mV
VBAT
Charging Block
Latch
EXT
Constant Peak
Current Control
1M
VDD
PGND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com