Electronic Components Datasheet Search
  English  ▼

X  

RT9591 Datasheet(PDF) 7 Page - Richtek Technology Corporation

Part # RT9591
Description  Smart Photoflash Capacitor Charger with IGBT Driver
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9591 Datasheet(HTML) 7 Page - Richtek Technology Corporation

Back Button RT9591 Datasheet HTML 3Page - Richtek Technology Corporation RT9591 Datasheet HTML 4Page - Richtek Technology Corporation RT9591 Datasheet HTML 5Page - Richtek Technology Corporation RT9591 Datasheet HTML 6Page - Richtek Technology Corporation RT9591 Datasheet HTML 7Page - Richtek Technology Corporation RT9591 Datasheet HTML 8Page - Richtek Technology Corporation RT9591 Datasheet HTML 9Page - Richtek Technology Corporation RT9591 Datasheet HTML 10Page - Richtek Technology Corporation RT9591 Datasheet HTML 11Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
RT9591
Preliminary
7
DS9591-07 August 2007
www.richtek.com
Patent Pending
Typical Operating Characteristics
Output Voltage vs. Temperature
250
260
270
280
290
300
310
320
330
340
350
-50
-25
0
25
50
75
100
125
Temperature (℃)
(
°C)
Charge Time vs. VBAT (100uF COUT)
0.0
1.0
2.0
3.0
4.0
5.0
6.0
7.0
8.0
9.0
10.0
1.8
2.8
3.8
4.8
5.8
6.8
VBAT (V)
VOUT = 0V to 300V
COUT = 100uF
VDD = 3.3V
IPK-PRI = 1A
IPK-PRI = 1.5A
Charge Time vs. VBAT (47uF COUT)
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
1.8
2.8
3.8
4.8
5.8
6.8
VBAT (V)
VOUT = 0V to 300V
COUT = 47uF
VDD = 3.3V
IPK-PRI = 1A
IPK-PRI = 1.5A
Efficiency vs. Output Voltage
50
55
60
65
70
75
80
85
90
50
100
150
200
250
300
Output Voltage (V)
VIN = 5V
IPK-PRI = 1.5A
COUT = 100uF
VIN = 3.3V
VDD = VBAT = VIN
VIN = 1.8V
VIN = 2.5V
Output Voltage vs. Input Voltage
250
260
270
280
290
300
310
320
330
340
350
1.8
2.8
3.8
4.8
5.8
6.8
Input Voltage (V)
VDD = VIN
VBAT = VIN
TA = 25°C
VOUT set 300V
Secondary Minimum Current vs.
Temperature
6.0
6.5
7.0
7.5
8.0
8.5
9.0
9.5
10.0
10.5
11.0
-50
-25
0
25
50
75
100
125
Temperature (
°C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com