Electronic Components Datasheet Search
  English  ▼

X  

RT9591 Datasheet(PDF) 3 Page - Richtek Technology Corporation

Part # RT9591
Description  Smart Photoflash Capacitor Charger with IGBT Driver
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9591 Datasheet(HTML) 3 Page - Richtek Technology Corporation

  RT9591 Datasheet HTML 1Page - Richtek Technology Corporation RT9591 Datasheet HTML 2Page - Richtek Technology Corporation RT9591 Datasheet HTML 3Page - Richtek Technology Corporation RT9591 Datasheet HTML 4Page - Richtek Technology Corporation RT9591 Datasheet HTML 5Page - Richtek Technology Corporation RT9591 Datasheet HTML 6Page - Richtek Technology Corporation RT9591 Datasheet HTML 7Page - Richtek Technology Corporation RT9591 Datasheet HTML 8Page - Richtek Technology Corporation RT9591 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
RT9591
Preliminary
3
DS9591-07 August 2007
www.richtek.com
Patent Pending
Figure 3. Photoflash Capacitor Charger Application with Center-Tap Transformer
DRVIN
VDRV
GNDDRV
FB
DRVOUT
CHARGE
STAT
VDD
FBVD
Flash-Tube
R2
C
OUT
5V
R4
T1
Q1
R3
R5
R7
C
IN
1uF
R6 1M
V
BAT
V
DD
Strobe
100uF/
300V
RT9591
R1
PGND
10uF
1.5M
1 : 15
100k
1k
1M
2M
19k
V
OUT
SW
12
11
10
9
13
14
15
16
1
2
3
4
8
7
6
5
3.3V
Delta
86A-3145B
GSD2004S
AO3400
114
1
0.1uF
1.8V to 6.5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com