Electronic Components Datasheet Search
  English  ▼

X  

3069954 Datasheet(PDF) 3 Page - PHOENIX CONTACT

Part # 3069954
Description  FTPR-3/4S - Test plug
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

3069954 Datasheet(HTML) 3 Page - PHOENIX CONTACT

  3069954 Datasheet HTML 1Page - PHOENIX CONTACT 3069954 Datasheet HTML 2Page - PHOENIX CONTACT 3069954 Datasheet HTML 3Page - PHOENIX CONTACT 3069954 Datasheet HTML 4Page - PHOENIX CONTACT 3069954 Datasheet HTML 5Page - PHOENIX CONTACT 3069954 Datasheet HTML 6Page - PHOENIX CONTACT 3069954 Datasheet HTML 7Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Calorimetric heat release NFPA 130 (ASTM E 1354)
27,5 MJ/kg
Surface flammability NFPA 130 (ASTM E 162)
passed
Specific optical density of smoke NFPA 130 (ASTM E 662)
passed
Smoke gas toxicity NFPA 130 (SMP 800C)
passed
Environmental and real-life conditions
Ambient conditions
Ambient temperature (storage/transport)
-25 °C ... 60 °C (for a short time, not exceeding 24 h, -60 °C to
+70 °C)
Ambient temperature (assembly)
-5 °C ... 70 °C
Ambient temperature (actuation)
-5 °C ... 70 °C
Permissible humidity (storage/transport)
30 % ... 70 %
FTPR-3/4S - Test plug
3069954
https://www.phoenixcontact.com/us/products/3069954
Feb 4, 2025, 1:05 AM
Page 3 (7)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com