Electronic Components Datasheet Search
  English  ▼

X  

3069954 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 3069954
Description  FTPR-3/4S - Test plug
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

3069954 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  3069954 Datasheet HTML 1Page - PHOENIX CONTACT 3069954 Datasheet HTML 2Page - PHOENIX CONTACT 3069954 Datasheet HTML 3Page - PHOENIX CONTACT 3069954 Datasheet HTML 4Page - PHOENIX CONTACT 3069954 Datasheet HTML 5Page - PHOENIX CONTACT 3069954 Datasheet HTML 6Page - PHOENIX CONTACT 3069954 Datasheet HTML 7Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Please be informed that the data shown in this PDF document is generated from our online catalog. Please find the complete data in the user
documentation. Our general terms of use for downloads are valid.
Test plug, With twist grip, nom. voltage: 400 V, nominal current: 20 A, number of positions: 4,
Rated cross section: 2.5 mm2, color: gray
Your advantages
Easy and time saving, thanks to functional grouping of switching operations
•
Space saving, thanks to offset test socket arrangement
•
Cost-effective, thanks to the tailored, modular design and use of standardized CLIPLINE complete accessories
•
Safe, thanks to guided operation with patented twist grip
•
The automatically generated transformer short circuit and the shock-proof design ensure the highest degree of safety during measurement<br/>
•
The integrated, robust switch contact is designed for the most stringent demands, and the use of high-quality materials ensures the transmission
of signal currents, even after multiple actuations
•
Maximum safety with leading and automatic transformer short circuit
•
Commercial data
Item number
3069954
Packing unit
1 pc
Minimum order quantity
1 pc
Sales key
BE06
Product key
BE6113
Catalog page
Page 637 (C-1-2019)
GTIN
4055626272696
Weight per piece (including packing)
377 g
Weight per piece (excluding packing)
377 g
Customs tariff number
85366990
Country of origin
DE
FTPR-3/4S - Test plug
3069954
https://www.phoenixcontact.com/us/products/3069954
Feb 4, 2025, 1:05 AM
Page 1 (7)


Similar Part No. - 3069954

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
3069950 PHOENIX-3069950 Datasheet
170Kb / 14P
Test plug - FTP-3/4S
09/12/2020
3069951 PHOENIX-3069951 Datasheet
170Kb / 14P
Test plug - FTP-3/10S
09/12/2020
3069952 PHOENIX-3069952 Datasheet
293Kb / 7P
FTP-3/12S - Test plug
3069953 PHOENIX-3069953 Datasheet
295Kb / 7P
FTP-3/14S - Test plug
3069955 PHOENIX-3069955 Datasheet
179Kb / 14P
Test plug - FTPR-3/10S
09/12/2020
More results

Similar Description - 3069954

ManufacturerPart #DatasheetDescription
logo
Semikron International
L6100160 SEMIKRON-L6100160 Datasheet
337Kb / 9P
EVALUATION BOARD 4S SKYPER 32
L6100161 SEMIKRON-L6100161 Datasheet
459Kb / 12P
Board 4s SKYPER 32 R
L6100261 SEMIKRON-L6100261 Datasheet
725Kb / 14P
Board 4s SKYPER 32PRO R
logo
Rosenberger Hochfrequen...
98W003-000 ROSENBERGER-98W003-000 Datasheet
96Kb / 1P
TEST LASER EV-3
logo
PHOENIX CONTACT
1108766 PHOENIX-1108766 Datasheet
241Kb / 2P
Crimping pliers - CRIMPFOX VARIO 4S
01/21/2022
logo
HY-LINE Power Component...
HY-DI-4SYP-Z1 HY-LINE-HY-DI-4SYP-Z1 Datasheet
1Mb / 12P
4S HY-Di짰 Smart Batteries
11/21
logo
PHOENIX CONTACT
3069950 PHOENIX-3069950 Datasheet
170Kb / 14P
Test plug - FTP-3/4S
09/12/2020
3069951 PHOENIX-3069951 Datasheet
170Kb / 14P
Test plug - FTP-3/10S
09/12/2020
3069955 PHOENIX-3069955 Datasheet
179Kb / 14P
Test plug - FTPR-3/10S
09/12/2020
3069957 PHOENIX-3069957 Datasheet
179Kb / 14P
Test plug - FTPR-3/14S
09/12/2020
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com