Electronic Components Datasheet Search
  English  ▼

X  

3069954 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 3069954
Description  FTPR-3/4S - Test plug
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

3069954 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  3069954 Datasheet HTML 1Page - PHOENIX CONTACT 3069954 Datasheet HTML 2Page - PHOENIX CONTACT 3069954 Datasheet HTML 3Page - PHOENIX CONTACT 3069954 Datasheet HTML 4Page - PHOENIX CONTACT 3069954 Datasheet HTML 5Page - PHOENIX CONTACT 3069954 Datasheet HTML 6Page - PHOENIX CONTACT 3069954 Datasheet HTML 7Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Technical data
Product properties
Product type
Test plug terminal block
Number of positions
4
Pitch
8.2 mm
Potentials
4
Electrical properties
Maximum power dissipation for nominal condition
1.31 W
Connection data
Nominal cross section
6 mm²
Test socket torque
0.5
Note
The conductor cross section depends on the cable lug used
Conductor cross section flexible
0.5 mm² ... 2.5 mm²
Conductor cross section, flexible [AWG]
20 ... 14 (converted acc. to IEC)
Nominal current
20 A
Maximum load current
20 A
Nominal voltage
400 V AC/DC
Nominal cross section
2.5 mm²
Dimensions
Dimensional drawing
Width
63.4 mm
Height
86 mm
Pitch
8.2 mm
Material specifications
Color
gray (RAL 7042)
Flammability rating according to UL 94
V0
Insulating material
PA
Static insulating material application in cold
-60 °C
Temperature index of insulation material (DIN EN 60216-1 (VDE
0304-21))
125 °C
Relative insulation material temperature index (Elec., UL 746 B)
130 °C
Fire protection for rail vehicles (DIN EN 45545-2) R22
HL 1 - HL 3
Fire protection for rail vehicles (DIN EN 45545-2) R23
HL 1 - HL 3
Fire protection for rail vehicles (DIN EN 45545-2) R24
HL 1 - HL 3
Fire protection for rail vehicles (DIN EN 45545-2) R26
HL 1 - HL 3
FTPR-3/4S - Test plug
3069954
https://www.phoenixcontact.com/us/products/3069954
Feb 4, 2025, 1:05 AM
Page 2 (7)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com