Electronic Components Datasheet Search
  English  ▼

X  

ADIS16355 Datasheet(PDF) 7 Page - Analog Devices

Part # ADIS16355
Description  Tri-Axis Inertial Sensor
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIS16355 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADIS16355 Datasheet HTML 3Page - Analog Devices ADIS16355 Datasheet HTML 4Page - Analog Devices ADIS16355 Datasheet HTML 5Page - Analog Devices ADIS16355 Datasheet HTML 6Page - Analog Devices ADIS16355 Datasheet HTML 7Page - Analog Devices ADIS16355 Datasheet HTML 8Page - Analog Devices ADIS16355 Datasheet HTML 9Page - Analog Devices ADIS16355 Datasheet HTML 10Page - Analog Devices ADIS16355 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
ADIS16355
Rev. PrG | Page 7 of 28
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
PIN 23
PIN 24
FLEX
23
X
Z
Y
2
1
PIN 1
PIN 2
TOP VIEW
POINT OF PERCUSSION
(WHEN LINEAR ACCELEROMETER
ORIGIN ALIGNMENT ENABLED)
TO HOUSING
Figure 4. Pin Configuration, Connector Top View
Table 5. Pin Function Descriptions
Pin No.
Mnemonic
Type1
Description
1
DNC
N/A
Do not connect
2
DNC
N/A
Do not connect
3
SCLK
I
SPI serial clock
4
DOUT
O
SPI data output
5
DIN
I
SPI data input
6
CS
I
SPI chip select
7
DIO1
I/O
Digital input/output
8
RST
I
Reset
9
DIO2
I/O
Digital input/output
10
VCC
S
Power supply
11
VCC
S
Power supply
12
VCC
S
Power supply
13
GND
S
Power ground
14
GND
S
Power ground
15
GND
S
Power ground
16
DNC
N/A
Do not connect
17
DNC
N/A
Do not connect
18
DNC
N/A
Do not connect
19
DNC
N/A
Do not connect
20
AUX_DAC
O
Auxiliary, 12-bit, DAC output
21
AUX_ADC
I
Auxiliary, 12-bit, ADC input
22
DNC
N/A
Do not connect
23
DNC
N/A
Do not connect
24
DNC
N/A
Do not connect
1 S = supply, O = output, I = input.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com