Electronic Components Datasheet Search
  English  ▼

X  

ADIS16355 Datasheet(PDF) 3 Page - Analog Devices

Part # ADIS16355
Description  Tri-Axis Inertial Sensor
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIS16355 Datasheet(HTML) 3 Page - Analog Devices

  ADIS16355 Datasheet HTML 1Page - Analog Devices ADIS16355 Datasheet HTML 2Page - Analog Devices ADIS16355 Datasheet HTML 3Page - Analog Devices ADIS16355 Datasheet HTML 4Page - Analog Devices ADIS16355 Datasheet HTML 5Page - Analog Devices ADIS16355 Datasheet HTML 6Page - Analog Devices ADIS16355 Datasheet HTML 7Page - Analog Devices ADIS16355 Datasheet HTML 8Page - Analog Devices ADIS16355 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
ADIS16355
Rev. PrG | Page 3 of 28
SPECIFICATIONS
Table 1.
TA = −40°C to +85°C, VCC = 5.0 V, angular rate = 0°/s, dynamic range 300°/sec, ±1 g, unless otherwise noted
Parameter
Conditions
Min
Typ
Max
Unit
GYROSCOPE SENSITIVITY
Each axis
Initial
25°C, dynamic range = ±300
°/s
0.0725
0.07326
0.0740
°/s/LSB
25°C, dynamic range = ±150
°/s
0.03663
°/s/LSB
25°C, dynamic range = ±75
°/s
0.01832
°/s/LSB
Temperature Coefficient
ADIS16350, See Figure 5
600
ppm/°C
ADIS16355, See TBD
40
ppm/°C
Gyro Axis Nonorthogonality
25°C, difference from 90° ideal
±0.05
Degree
Gyro Axis Misalignment
25°C, relative to base -plate and guide pins
±0.5
Degree
Nonlinearity
Best fit straight line
0.1
% of FS
GYROSCOPE BIAS
In Run Bias Stability
25°C, 1 σ
0.015
°/s
Angular Random Walk
25°C
4.2
°/√hr
Temperature Coefficient
ADIS16350, See Figure 6
0.1
°/s/°C
ADIS16355, See
0.01
°/s/°C
Linear Acceleration Effect
Any axis, 1 σ, (linear acceleration bias
compensation enabled)
0.05
°/s/g
Voltage Sensitivity
VCC = 4.75 V to 5.25 V
0.25
°/s/V
GYROSCOPE NOISE PERFORMANCE
Output Noise
25°C, ±300°/s range, no filtering
0.60
°/s rms
25°C, ±150°/s range, 4-tap filter setting
0.35
°/s rms
25°C, ±75°/s range, 16-tap filter setting
0.17
°/s rms
Rate Noise Density
25°C, f = 25 Hz, ±300°/s, no filtering
0.05
°/s/√Hz rms
GYROSCOPE FREQUENCY RESPONSE
3 dB Bandwidth
350
Hz
Sensor Resonant Frequency
14
kHz
GYROSCOPE SELF-TEST STATE
Change for Positive Stimulus
±300°/s range setting
432
723
1105
LSB
Change for Negative Stimulus
±300°/s range setting
−432
−723
−1105
LSB
Internal Self-Test Cycle Time
25
ms
ACCELEROMETER SENSITIVITY
Each axis
Dynamic Range
±8
±10
g
Initial
25°C
2.471
2.522
2.572
mg/LSB
Temperature Coefficient
ADIS16350
100
ppm/°C
ADIS16355
40
ppm/°C
Axis Nonorthogonality
25°C, difference from 90° ideal
±0.25
Degree
Axis Misalignment
25°C, relative to base-plate and guide pins
±0.5
Degree
Nonlinearity
Best fit straight line
±0.2
% of FS
ACCELEROMETER BIAS
In-Run Bias Stability
25°C, 1 σ
0.7
mg
Velocity Random Walk
25°C
2.0
m/s/√hr
Temperature Coefficient
ADIS16350
4
mg/°C
ADIS16355
0.5
mg/°C
ACCELEROMETER NOISE PERFORMANCE
Output Noise
25°C, no filtering
35
mg rms
Noise Density
25°C, no filtering
1.85
mg/√Hz rms
ACCELEROMETER FREQUENCY RESPONSE
3 dB Bandwidth
350
Hz
Sensor Resonant Frequency
10
kHz
ACCELEROMETER SELF-TEST STATE
Output Change When Active
73
146
219
LSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com