Electronic Components Datasheet Search
  English  ▼

X  

ADIS16355 Datasheet(PDF) 22 Page - Analog Devices

Part # ADIS16355
Description  Tri-Axis Inertial Sensor
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIS16355 Datasheet(HTML) 22 Page - Analog Devices

Back Button ADIS16355 Datasheet HTML 18Page - Analog Devices ADIS16355 Datasheet HTML 19Page - Analog Devices ADIS16355 Datasheet HTML 20Page - Analog Devices ADIS16355 Datasheet HTML 21Page - Analog Devices ADIS16355 Datasheet HTML 22Page - Analog Devices ADIS16355 Datasheet HTML 23Page - Analog Devices ADIS16355 Datasheet HTML 24Page - Analog Devices ADIS16355 Datasheet HTML 25Page - Analog Devices ADIS16355 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 28 page
background image
ADIS16355
Rev. PrG | Page 22 of 28
Table 33. ALM_MAG1 and ALM_MAG2 Register Definitions
Register
Addresses
Default
Format
Access
ALM_MAG1
0x27, 0x26
0x0000
N/A
R/W
ALM_MAG2
0x29, 0x28
0x0000
N/A
R/W
Table 34. ALM_MAG1 and ALM_MAG2 Bit Designations
Bits
Description
[15]
Comparison polarity: 1 = greater than, 0 = less than
[14]
Not used
[13:0]
Data bits, format matches source data format
Table 35. ALM_SMPL1 and ALM_SIMPL2 Register Definitions
Registers
Addresses
Default
Format
Access
ALM_SMPL1
0x2B, 0x2A
0x0000
Binary
R/W
ALM_SMPL2
0x2D, 0x2C
0x0000
Binary
R/W
Table 36. ALM_SMPL1 and ALM_SIMPL2 Bit Designations
Bit
Description
[15:8]
Not used
[7:0]
Data bits
Table 37. ALM_CTRL Register Definition
Addresses
Default
Format
Access
0x2F, 0x2E
0x0000
N/A
R/W
Table 38. ALM_CTRL Bit Designations
Bits
Value
Description
[15:12]
Alarm 2 source selection
0000
Disable
0001
Power supply output
0010
X-axis gyroscope output
0011
Y-axis gyroscope output
0100
Z-axis gyroscope output
0101
X-axis accelerometer output
0110
Y-axis accelerometer output
0111
Z-axis accelerometer output
1000
X-axis gyroscope temperature output
1001
Y-axis gyroscope temperature output
1010
Z-axis gyroscope temperature output
1011
Auxiliary ADC output
[11:8]
Alarm 1 source selection (same as Alarm 2)
[7]
Rate of change (ROC) enable for Alarm 2
1 = rate of change, 0 = static level
[6]
Rate of change (ROC) enable for Alarm 1
1 = rate of change, 0 = static level
[5]
Not used
[4]
Comparison data filter setting
1 = filtered data, 0 = unfiltered data
[3]
Not used
[2]
Alarm output enable
1 = enabled, 0 = disabled
[1]
Alarm output polarity
1 = active high, 0 = active low
[0]
Alarm output line select
1 = DIO2, 0 = DIO1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com