Electronic Components Datasheet Search
  English  ▼

X  

RT9903 Datasheet(PDF) 4 Page - Richtek Technology Corporation

Part # RT9903
Description  5 Channel DC/DC Converters IC with High-Efficiency Step-Up
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9903 Datasheet(HTML) 4 Page - Richtek Technology Corporation

  RT9903 Datasheet HTML 1Page - Richtek Technology Corporation RT9903 Datasheet HTML 2Page - Richtek Technology Corporation RT9903 Datasheet HTML 3Page - Richtek Technology Corporation RT9903 Datasheet HTML 4Page - Richtek Technology Corporation RT9903 Datasheet HTML 5Page - Richtek Technology Corporation RT9903 Datasheet HTML 6Page - Richtek Technology Corporation RT9903 Datasheet HTML 7Page - Richtek Technology Corporation RT9903 Datasheet HTML 8Page - Richtek Technology Corporation RT9903 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
RT9903
Preliminary
4
DS9903-07 August 2007
www.richtek.com
Pin No.
Pin Name
Pin Function
1
CX
Charge Pump External Driver Pin.
2
INCD
Charge Pump Input Pin.
3
FB_CP
Charge Pump Feedback Pin.
4
RT
Frequency Setting Resistor Connection Pin.
5
EXT4
CH4 External Power Switch.
6
CS4
CH4 Current Sense Input Pin.
7
FB4
CH4 Feedback Input.
8
COMP4
CH4 Feedback Compensation Pin.
9
FB3
CH3 Feedback Input.
10
COMP3
CH3 Feedback Compensation Pin.
11
LX3
CH3 Switch Node.
12
EN3
CH3 Enable Input Pin.
13
EN1
CH1 Enable Input Pin.
14
EN2
CH2 Enable Input Pin.
15
EN4
CH4 Enable Input Pin.
16
PGND
Power Ground.
17
VDD
Power Input Pin.
18
LX1
CH1 Switch Node.
19
COMP1
CH1 Feedback Compensation Pin.
20
FB1
CH1 Feedback Input.
21
AGND
Analog Ground.
22
FB2
CH2 Feedback Input.
23
COMP2
CH2 Feedback Compensation Pin.
24
LX2
CH2 Switch Node.
Exposed Pad (25) GND
The exposed pad must be soldered to a large PCB and connected to GND for
maximum power dissipation.
Functional Pin Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com