Electronic Components Datasheet Search
  English  ▼

X  

RT9903 Datasheet(PDF) 8 Page - Richtek Technology Corporation

Part # RT9903
Description  5 Channel DC/DC Converters IC with High-Efficiency Step-Up
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9903 Datasheet(HTML) 8 Page - Richtek Technology Corporation

Back Button RT9903 Datasheet HTML 4Page - Richtek Technology Corporation RT9903 Datasheet HTML 5Page - Richtek Technology Corporation RT9903 Datasheet HTML 6Page - Richtek Technology Corporation RT9903 Datasheet HTML 7Page - Richtek Technology Corporation RT9903 Datasheet HTML 8Page - Richtek Technology Corporation RT9903 Datasheet HTML 9Page - Richtek Technology Corporation RT9903 Datasheet HTML 10Page - Richtek Technology Corporation RT9903 Datasheet HTML 11Page - Richtek Technology Corporation RT9903 Datasheet HTML 12Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
RT9903
Preliminary
8
DS9903-07 August 2007
www.richtek.com
CH3 Efficiency vs. Input Voltage
75
80
85
90
95
100
2
2.4
2.8
3.2
3.6
4
4.4
Input Voltage (V)
4 series WLED, ILED = 20mA
VLX3 & Output Ripple
Time (1us/Div)
VBAT = 2.5V, VDD = 3.3V, @IOUT = 20mA
VLX2 & Output Ripple
Time (1us/Div)
VBAT = 4.2V, VDD = 3.3V, @IOUT = 30mA
VLX2 & Output Ripple
Time (1us/Div)
VBAT = 3.8V, VDD = 3.3V, @IOUT = 30mA
VLX2 & Output Ripple
Time (1us/Div)
VBAT = 2.5V, VDD = 3.3V, @IOUT = 30mA
VLX2 & Output Ripple
Time (1us/Div)
VBAT = 3V, VDD = 3.3V, @IOUT = 30mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com