Electronic Components Datasheet Search
  English  ▼

X  

RT9903 Datasheet(PDF) 3 Page - Richtek Technology Corporation

Part # RT9903
Description  5 Channel DC/DC Converters IC with High-Efficiency Step-Up
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9903 Datasheet(HTML) 3 Page - Richtek Technology Corporation

  RT9903 Datasheet HTML 1Page - Richtek Technology Corporation RT9903 Datasheet HTML 2Page - Richtek Technology Corporation RT9903 Datasheet HTML 3Page - Richtek Technology Corporation RT9903 Datasheet HTML 4Page - Richtek Technology Corporation RT9903 Datasheet HTML 5Page - Richtek Technology Corporation RT9903 Datasheet HTML 6Page - Richtek Technology Corporation RT9903 Datasheet HTML 7Page - Richtek Technology Corporation RT9903 Datasheet HTML 8Page - Richtek Technology Corporation RT9903 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
RT9903
Preliminary
3
DS9903-07 August 2007
www.richtek.com
Function Block Diagram
CH3
C-Mode
Step-Up
PWM
CH1
V-Mode
Step-Up
PWM
CH4
C-Mode
Step-Up
PWM
CH2
V-Mode
Step-Up
PWM
Charge Pump
V
REF
1V
V
REF
0.2V
Soft
Start
Oscillator
EN1
EN3
EN4
COMP1
COMP2
COMP3
COMP4
VDD
AGND
PGND (Exposed Pad)
RT
FB4
EXT4
FB3
LX3
LX1
FB1
LX2
FB2
FBCP
INCD CX
+
-
+
-
+
-
+
-
EN2
CS4
10uA
Thermal
Protection
EN1
EN2
EN3
EN4
COMP1
COMP2
COMP3
COMP4
3.3V_Motor
VBATT
WLED
(12V)
V_3.3V
VDD
+12V (+LCD)
+15V (+CCD)
-7.5V (-CCD)
VCC
3.3V
AGND
PGND
RT
FB4
CS4
FB3
LX3
LX1
FB1
LX2
FB2
FB-CP
INCD
CX
VBATT
VBATT
EXT4
10uF
4.7uH
4.7uH
4.7uH
4.7uH
SS0520
SS0520
SS0520
SS0520
SS0520
1nF
300k
130k
10k
Si2302
1uF
10uF
10uF
10uFx4
2.7k
1.2k
2.2k
1.2k
4.7nF
56nF
6.8nF
4.7nF
2.2M
200k
1nF
10uF
1nF
5.1M
360k
10uFx3
10uFx2
SS0520
750k
330k
1uF
68nF
4.7uF
10uF
RT9903
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
10uF
10
Chip Enable
500pF
C1
C2
C3
C4
C5 to C8
C9
C10
C11
C12
C13
C14
C15
C16
C17
C18
C19
C20
C21 to C23
C24
C25 to C26
C27
R1
R2
R3
R4
R5
R6
R7
R8
R9
R10
R11
R12
C28
R13
R14
L1
L2
L3
L4
D1
D2
D3
D4
D5
D6
Q1
R15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com