Electronic Components Datasheet Search
  English  ▼

X  

EB381 Datasheet(PDF) 14 Page - Motorola, Inc

Part # EB381
Description  Migrating from the MC68HC811E2 to the MC68HC11F1
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

EB381 Datasheet(HTML) 14 Page - Motorola, Inc

Back Button EB381 Datasheet HTML 8Page - Motorola, Inc EB381 Datasheet HTML 9Page - Motorola, Inc EB381 Datasheet HTML 10Page - Motorola, Inc EB381 Datasheet HTML 11Page - Motorola, Inc EB381 Datasheet HTML 12Page - Motorola, Inc EB381 Datasheet HTML 13Page - Motorola, Inc EB381 Datasheet HTML 14Page - Motorola, Inc EB381 Datasheet HTML 15Page - Motorola, Inc EB381 Datasheet HTML 16Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
Engineering Bulletin
EB381
14
MOTOROLA
•
For the CSGEN chip select, the G1SZA–G1SZC bits in the
CSGSIZ register ($105F) must be programmed to %011 for an 8-
Kbyte RAM or to %010 for a 16-Kbyte RAM.
–
Next, the starting address for this address must be
programmed. This is done by programming bits GA13 and
GA15 for the 8-Kbyte RAM or bits GA14 and GA15 for the
16-Kbyte RAM. Like the CSPROG, clear the GSTHA and
GSTHB bits to disable the clock stretch.
–
The user should also set the GNPOL bit (bit 4) in the CSGSIZ
register to a 0 to make sure chip select CSGEN is an active
low. Normally, the chip select for an external RAM device is
made active with respect to the E clock going high. In this
example, the CSGEN chip select needs to be made active
during the address valid time. This is done by setting the
GAVLD bit (bit 3) in the CSGSIZ register to a 1.
–
The user should also check the other options available in the
CSGSIZ register.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com